Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC2E-L-AC240V-F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # HC2E-L-AC240V-F
Description  Relay for control panel of 1A to 10A (1c/2c/3c/4c)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HC2E-L-AC240V-F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  HC2E-L-AC240V-F Datasheet HTML 1Page - Panasonic Semiconductor HC2E-L-AC240V-F Datasheet HTML 2Page - Panasonic Semiconductor HC2E-L-AC240V-F Datasheet HTML 3Page - Panasonic Semiconductor HC2E-L-AC240V-F Datasheet HTML 4Page - Panasonic Semiconductor HC2E-L-AC240V-F Datasheet HTML 5Page - Panasonic Semiconductor HC2E-L-AC240V-F Datasheet HTML 6Page - Panasonic Semiconductor HC2E-L-AC240V-F Datasheet HTML 7Page - Panasonic Semiconductor HC2E-L-AC240V-F Datasheet HTML 8Page - Panasonic Semiconductor HC2E-L-AC240V-F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HC
ASCTB4E 201302-T
ORDERING INFORMATION
Relay for control panel of
1A to 10A (1c/2c/3c/4c)
HC RELAYS
VDE
1c, 2c, 4c
Standard type
Amber sealed type
With diode type
RoHS compliant
FEATURES
1. Standard type and Amber sealed
type
2. Rich lineup includes relays with
operating indication, with diode
3. Full range of types
Plug-in type, PC board type and TM
type
4. Sockets and terminal sockets are
available.
TYPICAL APPLICATIONS
1. Factory automation equipment and
automotive devices
2. Control panels, power supply
equipment, molding equipment,
machine tools, welding equipment,
agricultural equipment, etc.
3. Office equipment, automatic
vending machines,
telecommunications equipment,
disaster prevention equipment,
copiers, measuring devices, medical
equipment, amusement devices, etc.
4. All types of household appliance
Standard type
Amber sealed type
HC
Terminal arrangement
H:
HL:
HP:
HPL:
HTM:
Plug-in type
Plug-in with LED indication
PC board type
PC board with LED indication
TM type
Contact material
Contact
arrangement
Contact
material
AgSnO2 type
AgNi type
1 Form C
2 Form C
3 Form C
4 Form C
4-pole bifurcated (twin)
F
F
F
Nil
Nil
Nominal coil voltage
AC
DC
6, 12, 24, 48, 100 (100/110), 120 (110/120),
200 (200/220), 240 (220/240) V
6, 12, 24, 48, 100 (100/110) V
Contact arrangement
1:
2:
3:
4:
4D:
1 Form C
2 Form C
3 Form C
4 Form C
Bifurcated contact (twin)
HC
Terminal arrangement
H:
L:
HP:
PL:
HTM:
Plug-in type
Plug-in with LED indication
PC board type
PC board with LED indication
TM type
Contact material
Contact
arrangement
Contact
material
AgSnO2 type
AgNi type
1 Form C
2 Form C
4 Form C
4-pole bifurcated (twin)
F
F
Nil
Nil
Nominal coil voltage
AC
DC
6, 12, 24, 48, 100 (100/110), 120 (110/120),
200 (200/220), 240 (220/240) V
6, 12, 24, 48, 100 (100/110) V
Contact arrangement
1: 1 Form C
2: 2 Form C
4: 4 Form C
Nil:
E:
ED:
Standard type
Amber sealed type
Amber sealed type bifurcated contact
(twin) (Only 4 Form C)


Similar Part No. - HC2E-L-AC240V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2E-H-AC100V-F PANASONIC-HC2E-H-AC100V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HC2E-H-AC120V-F PANASONIC-HC2E-H-AC120V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HC2E-H-AC12V-F PANASONIC-HC2E-H-AC12V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HC2E-H-AC200V-F PANASONIC-HC2E-H-AC200V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HC2E-H-AC240V-F PANASONIC-HC2E-H-AC240V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
More results

Similar Description - HC2E-L-AC240V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
HP2-AC24V PANASONIC-HP2-AC24V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com