Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2408TB Datasheet(PDF) 11 Page - California Eastern Labs

Part # UPG2408TB
Description  0.05 to 3.0 GHz SPDT SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPG2408TB Datasheet(HTML) 11 Page - California Eastern Labs

Back Button UPG2408TB Datasheet HTML 4Page - California Eastern Labs UPG2408TB Datasheet HTML 5Page - California Eastern Labs UPG2408TB Datasheet HTML 6Page - California Eastern Labs UPG2408TB Datasheet HTML 7Page - California Eastern Labs UPG2408TB Datasheet HTML 8Page - California Eastern Labs UPG2408TB Datasheet HTML 9Page - California Eastern Labs UPG2408TB Datasheet HTML 10Page - California Eastern Labs UPG2408TB Datasheet HTML 11Page - California Eastern Labs UPG2408TB Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Caution
GaAs Products
This product uses gallium arsenide (GaAs).
GaAs vapor and powder are hazardous to human health if inhaled or ingested, so please observe
the following points.
• Follow related laws and ordinances when disposing of the product. If there are no applicable laws
and/or ordinances, dispose of the product as recommended below.
1. Commission a disposal company able to (with a license to) collect, transport and dispose of
materials that contain arsenic and other such industrial waste materials.
2. Exclude the product from general industrial waste and household garbage, and ensure that the
product is controlled (as industrial waste subject to special control) up until final disposal.
• Do not burn, destroy, cut, crush, or chemically dissolve the product.
• Do not lick the product or in any way allow it to enter the mouth.
μPG2408TB


Similar Part No. - UPG2408TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2408TB NEC-UPG2408TB Datasheet
112Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
UPG2408TB RENESAS-UPG2408TB Datasheet
241Kb / 14P
   GaAs INTEGRATED CIRCUIT
2009
logo
NEC
UPG2408TB-E4 NEC-UPG2408TB-E4 Datasheet
112Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
UPG2408TB-E4 RENESAS-UPG2408TB-E4 Datasheet
241Kb / 14P
   GaAs INTEGRATED CIRCUIT
2009
logo
NEC
UPG2408TB-E4-A NEC-UPG2408TB-E4-A Datasheet
112Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
More results

Similar Description - UPG2408TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2408TB NEC-UPG2408TB Datasheet
112Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2408TB CEL-UPG2408TB_09 Datasheet
720Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2408TB RENESAS-PG2408TB_15 Datasheet
241Kb / 14P
   0.05 to 3.0 GHz SPDT SWITCH
logo
NEC
UPG2408TK NEC-UPG2408TK Datasheet
112Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2408TK CEL-UPG2408TK Datasheet
503Kb / 11P
   0.05 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2408TK RENESAS-PG2408TK Datasheet
241Kb / 14P
   0.05 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2408TK CEL-UPG2408TK_09 Datasheet
503Kb / 11P
   0.05 to 3.0 GHz SPDT SWITCH
logo
M/A-COM Technology Solu...
SW-485 MA-COM-SW-485 Datasheet
116Kb / 3P
   GaAs SPDT Switch 0.05 - 3.0 GHz
logo
Tyco Electronics
SW-485 MACOM-SW-485 Datasheet
99Kb / 3P
   GaAs SPDT Switch 0.05 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0005 MA-COM-MASWSS0005 Datasheet
74Kb / 3P
   GaAs SPDT Switch 0.05 - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com