Electronic Components Datasheet Search |
|
HC4E-L-AC6V Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
HC4E-L-AC6V Datasheet(HTML) 4 Page - Panasonic Semiconductor |
4 / 15 page Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ HC ASCTB4E 201302-T 3) PC board type Standard packing: Carton: 20 pcs.; Case: 200 pcs. Note: Please add “-31” before “-F” in the part number when ordering the PC board type 0.9 mm width terminal (ex) HC1-HP-AC6V-31-F. 4) PC board type (with LED indication) Standard packing: Carton: 20 pcs.; Case: 200 pcs. Note: Please add “-31” before “-F” in the part number when ordering the PC board type 0.9 mm width terminal (ex) HC1-HPL-AC6V-31-F. 5) TM type Standard packing: Carton: 20 pcs.; Case: 200 pcs. Nominal coil voltage 1 Form C 2 Form C 3 Form C 4 Form C 4 Form C (twin) Part No. Part No. Part No. Part No. Part No. 6V AC HC1-HP-AC6V-F HC2-HP-AC6V-F HC3-HP-AC6V-F HC4-HP-AC6V HC4D-HP-AC6V 12V AC HC1-HP-AC12V-F HC2-HP-AC12V-F HC3-HP-AC12V-F HC4-HP-AC12V HC4D-HP-AC12V 24V AC HC1-HP-AC24V-F HC2-HP-AC24V-F HC3-HP-AC24V-F HC4-HP-AC24V HC4D-HP-AC24V 48V AC HC1-HP-AC48V-F HC2-HP-AC48V-F HC3-HP-AC48V-F HC4-HP-AC48V HC4D-HP-AC48V 100/110V AC HC1-HP-AC100V-F HC2-HP-AC100V-F HC3-HP-AC100V-F HC4-HP-AC100V HC4D-HP-AC100V 110/120V AC HC1-HP-AC120V-F HC2-HP-AC120V-F HC3-HP-AC120V-F HC4-HP-AC120V HC4D-HP-AC120V 200/220V AC HC1-HP-AC200V-F HC2-HP-AC200V-F HC3-HP-AC200V-F HC4-HP-AC200V HC4D-HP-AC200V 220/240V AC HC1-HP-AC240V-F HC2-HP-AC240V-F HC3-HP-AC240V-F HC4-HP-AC240V HC4D-HP-AC240V 6V DC HC1-HP-DC6V-F HC2-HP-DC6V-F HC3-HP-DC6V-F HC4-HP-DC6V HC4D-HP-DC6V 12V DC HC1-HP-DC12V-F HC2-HP-DC12V-F HC3-HP-DC12V-F HC4-HP-DC12V HC4D-HP-DC12V 24V DC HC1-HP-DC24V-F HC2-HP-DC24V-F HC3-HP-DC24V-F HC4-HP-DC24V HC4D-HP-DC24V 48V DC HC1-HP-DC48V-F HC2-HP-DC48V-F HC3-HP-DC48V-F HC4-HP-DC48V HC4D-HP-DC48V 100/110V DC HC1-HP-DC100V-F HC2-HP-DC100V-F HC3-HP-DC100V-F HC4-HP-DC100V HC4D-HP-DC100V Nominal coil voltage 1 Form C 2 Form C 3 Form C 4 Form C 4 Form C (twin) Part No. Part No. Part No. Part No. Part No. 6V AC HC1-HPL-AC6V-F HC2-HPL-AC6V-F HC3-HPL-AC6V-F HC4-HPL-AC6V HC4D-HPL-AC6V 12V AC HC1-HPL-AC12V-F HC2-HPL-AC12V-F HC3-HPL-AC12V-F HC4-HPL-AC12V HC4D-HPL-AC12V 24V AC HC1-HPL-AC24V-F HC2-HPL-AC24V-F HC3-HPL-AC24V-F HC4-HPL-AC24V HC4D-HPL-AC24V 100/110V AC HC1-HPL-AC100V-F HC2-HPL-AC100V-F HC3-HPL-AC100V-F HC4-HPL-AC100V HC4D-HPL-AC100V 110/120V AC HC1-HPL-AC120V-F HC2-HPL-AC120V-F HC3-HPL-AC120V-F HC4-HPL-AC120V HC4D-HPL-AC120V 200/220V AC HC1-HPL-AC200V-F HC2-HPL-AC200V-F HC3-HPL-AC200V-F HC4-HPL-AC200V HC4D-HPL-AC200V 6V DC HC1-HPL-DC6V-F HC2-HPL-DC6V-F HC3-HPL-DC6V-F HC4-HPL-DC6V HC4D-HPL-DC6V 12V DC HC1-HPL-DC12V-F HC2-HPL-DC12V-F HC3-HPL-DC12V-F HC4-HPL-DC12V HC4D-HPL-DC12V 24V DC HC1-HPL-DC24V-F HC2-HPL-DC24V-F HC3-HPL-DC24V-F HC4-HPL-DC24V HC4D-HPL-DC24V 48V DC HC1-HPL-DC48V-F HC2-HPL-DC48V-F HC3-HPL-DC48V-F HC4-HPL-DC48V HC4D-HPL-DC48V 100/110V DC HC1-HPL-DC100V-F HC2-HPL-DC100V-F HC3-HPL-DC100V-F HC4-HPL-DC100V HC4D-HPL-DC100V Nominal coil voltage 1 Form C 2 Form C 3 Form C 4 Form C 4 Form C (twin) Part No. Part No. Part No. Part No. Part No. 6V AC HC1-HTM-AC6V-F HC2-HTM-AC6V-F HC3-HTM-AC6V-F HC4-HTM-AC6V HC4D-HTM-AC6V 12V AC HC1-HTM-AC12V-F HC2-HTM-AC12V-F HC3-HTM-AC12V-F HC4-HTM-AC12V HC4D-HTM-AC12V 24V AC HC1-HTM-AC24V-F HC2-HTM-AC24V-F HC3-HTM-AC24V-F HC4-HTM-AC24V HC4D-HTM-AC24V 48V AC HC1-HTM-AC48V-F HC2-HTM-AC48V-F HC3-HTM-AC48V-F HC4-HTM-AC48V HC4D-HTM-AC48V 100/110V AC HC1-HTM-AC100V-F HC2-HTM-AC100V-F HC3-HTM-AC100V-F HC4-HTM-AC100V HC4D-HTM-AC100V 110/120V AC HC1-HTM-AC120V-F HC2-HTM-AC120V-F HC3-HTM-AC120V-F HC4-HTM-AC120V HC4D-HTM-AC120V 200/220V AC HC1-HTM-AC200V-F HC2-HTM-AC200V-F HC3-HTM-AC200V-F HC4-HTM-AC200V HC4D-HTM-AC200V 6V DC HC1-HTM-DC6V-F HC2-HTM-DC6V-F HC3-HTM-DC6V-F HC4-HTM-DC6V HC4D-HTM-DC6V 12V DC HC1-HTM-DC12V-F HC2-HTM-DC12V-F HC3-HTM-DC12V-F HC4-HTM-DC12V HC4D-HTM-DC12V 24V DC HC1-HTM-DC24V-F HC2-HTM-DC24V-F HC3-HTM-DC24V-F HC4-HTM-DC24V HC4D-HTM-DC24V 48V DC HC1-HTM-DC48V-F HC2-HTM-DC48V-F HC3-HTM-DC48V-F HC4-HTM-DC48V HC4D-HTM-DC48V 100/110V DC HC1-HTM-DC100V-F HC2-HTM-DC100V-F HC3-HTM-DC100V-F HC4-HTM-DC100V HC4D-HTM-DC100V |
Similar Part No. - HC4E-L-AC6V |
|
Similar Description - HC4E-L-AC6V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |