Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHS05Z55-NT Datasheet(PDF) 6 Page - Power-One

Part # HHS05Z55-NT
Description  48VDC Input, 60 Amp Half-Brick Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HHS05Z55-NT Datasheet(HTML) 6 Page - Power-One

Back Button HHS05Z55-NT Datasheet HTML 2Page - Power-One HHS05Z55-NT Datasheet HTML 3Page - Power-One HHS05Z55-NT Datasheet HTML 4Page - Power-One HHS05Z55-NT Datasheet HTML 5Page - Power-One HHS05Z55-NT Datasheet HTML 6Page - Power-One HHS05Z55-NT Datasheet HTML 7Page - Power-One HHS05Z55-NT Datasheet HTML 8Page - Power-One HHS05Z55-NT Datasheet HTML 9Page - Power-One HHS05Z55-NT Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
JUN 06, 2006 revised to JUL 25, 2006
Page 6 of 12
www.power-one.com
HHS60 DC-DC Series Data Sheet
48VDC Input, 60 Amp Half-Brick Converter
Power Derating Characteristics
THERMAL DERATING CURVE
Vin = 48V, Orientation : Vin- to Vin +
10
15
20
25
30
35
40
45
50
55
60
25
40
55
70
85
Ambient Temperature (Deg C)
NC (25 - 35 LFM)
100 LFM
200 LFM
300 LFM
400 LFM
200LFM (Tbp @ 115C)
HHS60ZE
Data Rev: 01
Figure 5. HHS60ZE, (3.3V) Derating Curves
The customer may elect to operate the HHS60ZE at
a TBP of 115
OC thereby extending the operating
current ratings as defined by the “200 LFM @
TBP=115
OC” derating curve above. This condition
can
be
instrumental
towards
compliance
of
GR-63-CORE, sect.: 4.1.2 defining “short term”
temperature conditions.
However the HHS60 series power derating curves of
all models are otherwise characterized at a more
conservative baseplate temperature (TBP) of 110
OC.
This recommended maximum operating temperature
offers improved reliability.
THERMAL DERATING CURVE
Vin = 54V, Orientation : Vin- to Vin +
0
10
20
30
40
50
60
70
25
40
55
70
85
Ambient Temperature (Deg C)
NC (25 - 35 LFM)
100 LFM
200 LFM
300 LFM
400 LFM
HHS60ZD
Data Rev:
01
Figure 6. HHS60ZD (2.5V) Derating Curves
THERMAL DERATING CURVE
Vin = 54V, Orientation : Vin- to Vin +
0
10
20
30
40
50
60
25
40
55
70
85
Ambient Temperature (Deg C)
NC (25 - 35 LFM)
100 LFM
200 LFM
300 LFM
400 LFM
HHS60ZB
Data Rev:
01
Figure 7. HHS60Z B (1.8V) Derating Curves
THERMAL DERATING CURVE
Vin = 54V, Orientation : Vin- to Vin +
0
10
20
30
40
50
60
70
25
40
55
70
85
Ambient Temperature (Deg C)
NC (25 - 35 LFM)
100 LFM
200 LFM
300 LFM
400 LFM
HHS60ZA
Data Rev: 01
Figure 8. HHS60ZA (1.5V) Derating Curves


Similar Part No. - HHS05Z55-NT

ManufacturerPart #DatasheetDescription
logo
Power-One
HHS05Z55-NT7 POWER-ONE-HHS05Z55-NT7 Datasheet
247Kb / 12P
   48VDC Input, 60 Amp Half-Brick Converter
More results

Similar Description - HHS05Z55-NT

ManufacturerPart #DatasheetDescription
logo
Power-One
HHS05Z55-NT7 POWER-ONE-HHS05Z55-NT7 Datasheet
247Kb / 12P
   48VDC Input, 60 Amp Half-Brick Converter
logo
Artesyn Technologies
AVE240C-48S12-4L ARTESYN-AVE240C-48S12-4L Datasheet
1Mb / 24P
   Half-brick Converter
logo
Emerson Network Power
AGQ150-48S05 EMERSON-NETWORKPOWER-AGQ150-48S05 Datasheet
327Kb / 13P
   48Vdc Input, 5Vdc 30A Output Quarter-brick
AGF600-48S30 EMERSON-NETWORKPOWER-AGF600-48S30 Datasheet
493Kb / 15P
   48Vdc Input, 30Vdc 20A Output Full-brick
logo
C&D Technologies
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB60S2403C MURATA-PS-IHB60S2403C Datasheet
175Kb / 4P
   60 Watt Single Output Half Brick DC/DC Converter
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
   60 Watt Triple Output Half Brick DC/DC Converter
logo
Power-One
HBT060ZGHH POWER-ONE-HBT060ZGHH Datasheet
115Kb / 12P
   HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
logo
C&D Technologies
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com