Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHS60ZD Datasheet(PDF) 9 Page - Power-One

Part # HHS60ZD
Description  48VDC Input, 60 Amp Half-Brick Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HHS60ZD Datasheet(HTML) 9 Page - Power-One

Back Button HHS60ZD Datasheet HTML 4Page - Power-One HHS60ZD Datasheet HTML 5Page - Power-One HHS60ZD Datasheet HTML 6Page - Power-One HHS60ZD Datasheet HTML 7Page - Power-One HHS60ZD Datasheet HTML 8Page - Power-One HHS60ZD Datasheet HTML 9Page - Power-One HHS60ZD Datasheet HTML 10Page - Power-One HHS60ZD Datasheet HTML 11Page - Power-One HHS60ZD Datasheet HTML 12Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
JUN 06, 2006 revised to JUL 25, 2006
Page 9 of 12
www.power-one.com
HHS60 DC-DC Series Data Sheet
48VDC Input, 60 Amp Half-Brick Converter
An open collector switch is recommended to control
the voltage between the ON/OFF pin and the -Vin
pin of the converter. The ON/OFF pin is pulled up
internally, so no external voltage source is required.
The user should avoid connecting a resistor between
the ON/OFF pin and the +Vin (# 4) pin.
When the ON/OFF pin is used to achieve remote
control, the user must take care to insure that the pin
reference for the control is actually the -Vin pin. The
control signal must not be referenced ahead of EMI
filtering, or remotely from the unit. Optically coupling
the information and locating the optical coupler
directly at the module will solve any of these
problems.
Note:
If the ON/OFF pin is not used, it can be left floating (positive logic),
or connected to the -Vin pin (negative logic).
Remote Sense
The HHS60 Series converters have the capability to
remotely sense both lines of the output. This feature
moves the effective output voltage regulation point
from the output of the unit to the point of connection
of the remote sense pins. This feature automatically
adjusts the real output voltage of the converter in
order to compensate for voltage drops in distribution
and maintain a regulated voltage at the point of load.
This is shown in Figures 16 & 17.
If the remote sense feature is not to be used, the
sense pins should be connected locally.
The
+Sense (#8) pin should be connected to the +Vout
(#9) pin directly at the output of the converter and the
–Sense (#6) pin should be connected to the -Vout
(#5) pin directly at the output of the converter.
If sense pins are not connected to load, or the
respective output pins, the converter will not be
damaged, but may not meet the output voltage
regulation specifications.
Output Voltage Trim
The trim feature allows the user to adjust the output
voltage from the nominal value. This can be used to
compensate for distribution drops, perform margining
in production, or accommodate other requirements
when output voltage needs to be adjusted from the
nominal value. There are two trim options available
in the HHS60 Series.
Negative Trim (No P/N suffix)
All HHS60 negative-trim models trim up with a
resistor connected from the TRIM (#7) pin to the
(-) Sense (#6) pin and trim down with a resistor from
the TRIM pin to the (+) Sense (#8) pin as shown in
Figure 16.
Figure 16
. HHS60 Series Negative Trim Schematic
The following equation determines the required
external resistor value to obtain an output voltage
change of
Δ%.
Vo*(100-
Δ%)-122.5
Rtrim-dn = R1*(--------------------------- ) - R2 kΩ
Vo*
Δ%
122.5*R1
Rtrim-up = (------------- - R2) kΩ
Vo*
Δ%
Where R1 and R2 are constants from the table
below
Model
R1 (k
Ω)
R2 (k
Ω)
HHS60ZA
0. 223
0.15
HHS60ZB
0.474
1
HHS60ZD
1.039
3.92
HHS60ZE
4.220
5.11


Similar Part No. - HHS60ZD

ManufacturerPart #DatasheetDescription
logo
Power-One
HHS60ZD POWER-ONE-HHS60ZD Datasheet
56Kb / 2P
   HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
HHS60ZD POWER-ONE-HHS60ZD Datasheet
247Kb / 12P
   48VDC Input, 60 Amp Half-Brick Converter
More results

Similar Description - HHS60ZD

ManufacturerPart #DatasheetDescription
logo
Power-One
HHS05Z55-NT7 POWER-ONE-HHS05Z55-NT7 Datasheet
247Kb / 12P
   48VDC Input, 60 Amp Half-Brick Converter
logo
Artesyn Technologies
AVE240C-48S12-4L ARTESYN-AVE240C-48S12-4L Datasheet
1Mb / 24P
   Half-brick Converter
logo
Emerson Network Power
AGQ150-48S05 EMERSON-NETWORKPOWER-AGQ150-48S05 Datasheet
327Kb / 13P
   48Vdc Input, 5Vdc 30A Output Quarter-brick
AGF600-48S30 EMERSON-NETWORKPOWER-AGF600-48S30 Datasheet
493Kb / 15P
   48Vdc Input, 30Vdc 20A Output Full-brick
logo
C&D Technologies
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB60S2403C MURATA-PS-IHB60S2403C Datasheet
175Kb / 4P
   60 Watt Single Output Half Brick DC/DC Converter
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
   60 Watt Triple Output Half Brick DC/DC Converter
logo
Power-One
HBT060ZGHH POWER-ONE-HBT060ZGHH Datasheet
115Kb / 12P
   HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
logo
C&D Technologies
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com