Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHS60ZD Datasheet(PDF) 3 Page - Power-One

Part # HHS60ZD
Description  48VDC Input, 60 Amp Half-Brick Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HHS60ZD Datasheet(HTML) 3 Page - Power-One

  HHS60ZD Datasheet HTML 1Page - Power-One HHS60ZD Datasheet HTML 2Page - Power-One HHS60ZD Datasheet HTML 3Page - Power-One HHS60ZD Datasheet HTML 4Page - Power-One HHS60ZD Datasheet HTML 5Page - Power-One HHS60ZD Datasheet HTML 6Page - Power-One HHS60ZD Datasheet HTML 7Page - Power-One HHS60ZD Datasheet HTML 8Page - Power-One HHS60ZD Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
JUN 06, 2006 revised to JUL 25, 2006
Page 3 of 12
www.power-one.com
HHS60 DC-DC Series Data Sheet
48VDC Input, 60 Amp Half-Brick Converter
Input Specifications
All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Voltage
Continuous
36
48
75
VDC
Turn-On Input Voltage
Ramping Up
1
33
34
35
VDC
Turn-Off Input Voltage
Ramping Down
1
31
32
33
VDC
Input Reflected Ripple Current
Full Load, 12 µH source inductance
BW=20 MHz
2
2.6
50
mA p-p
Inrush Transient
Vin = Vin.max
0.1
1
A
2s
1
Refer to Fig. 9 for waveform.
2
Refer to Fig. 18 for test circuit. / measurement method.
Output Specifications
All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage Set-point Accuracy:
Vin = 48VDC, Full Load
-1.2
1.2
%Vout
Output Current
Irated
3*
60
ADC
Line Regulation:
(Vin = 36 V to 75 V)
0.2
%Vout
Load Regulation:
Vin = Vnom, Io,min to Io,max
0.2
%Vout
Output Temperature Regulation
(TBaseplate) = -40
OC to +100 OC)
0.03
%/
OC
Ripple and Noise, DC to 20MHz
1,2
Over line and load
Tamb= 0
OC to 85 OC
75
15
150
40
mV p-p
mVRMS
75-100-75% load step change,
to 1% error band
di/dt = 0.1A/
μs
13
125
18
250
%Vout
μs
Dynamic Regulation
Peak Deviation
Settling Time
Peak Deviation
Settling Time
di/dt = 1A/
μs
15
125
20
250
%Vout
μs
Turn-On Time
(turn-on via application of Vin)
Time from Vin = UVLO to
regulation band
15
20
ms
Turn-On Time
(turn-on via ON/OFF signal)
Time from ON/OFF signal to
regulation band
12
15
ms
Rise Time
from 10 to 90% of Vout.nom
10
ms
Turn-on Overshoot
Over all input voltage, load, and
temperature conditions
1
5
%Vout
Admissible Load Capacitance
Irated, Nom Vin
15,000
μF
Backdrive Protection
No damage to converter
Yes
Switching Frequency
400
kHz
1
At Iout<Iout.min, the output may contain low frequency component that exceeds ripple specifications.
2
See Figure 12 for test setup


Similar Part No. - HHS60ZD

ManufacturerPart #DatasheetDescription
logo
Power-One
HHS60ZD POWER-ONE-HHS60ZD Datasheet
56Kb / 2P
   HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
HHS60ZD POWER-ONE-HHS60ZD Datasheet
247Kb / 12P
   48VDC Input, 60 Amp Half-Brick Converter
More results

Similar Description - HHS60ZD

ManufacturerPart #DatasheetDescription
logo
Power-One
HHS05Z55-NT POWER-ONE-HHS05Z55-NT Datasheet
247Kb / 12P
   48VDC Input, 60 Amp Half-Brick Converter
logo
Artesyn Technologies
AVE240C-48S12-4L ARTESYN-AVE240C-48S12-4L Datasheet
1Mb / 24P
   Half-brick Converter
logo
Emerson Network Power
AGQ150-48S05 EMERSON-NETWORKPOWER-AGQ150-48S05 Datasheet
327Kb / 13P
   48Vdc Input, 5Vdc 30A Output Quarter-brick
AGF600-48S30 EMERSON-NETWORKPOWER-AGF600-48S30 Datasheet
493Kb / 15P
   48Vdc Input, 30Vdc 20A Output Full-brick
logo
C&D Technologies
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB60S2403C MURATA-PS-IHB60S2403C Datasheet
175Kb / 4P
   60 Watt Single Output Half Brick DC/DC Converter
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
   60 Watt Triple Output Half Brick DC/DC Converter
logo
Power-One
HBT060ZGHH POWER-ONE-HBT060ZGHH Datasheet
115Kb / 12P
   HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
logo
C&D Technologies
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com