Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHS60ZD Datasheet(PDF) 10 Page - Power-One

Part # HHS60ZD
Description  48VDC Input, 60 Amp Half-Brick Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HHS60ZD Datasheet(HTML) 10 Page - Power-One

Back Button HHS60ZD Datasheet HTML 4Page - Power-One HHS60ZD Datasheet HTML 5Page - Power-One HHS60ZD Datasheet HTML 6Page - Power-One HHS60ZD Datasheet HTML 7Page - Power-One HHS60ZD Datasheet HTML 8Page - Power-One HHS60ZD Datasheet HTML 9Page - Power-One HHS60ZD Datasheet HTML 10Page - Power-One HHS60ZD Datasheet HTML 11Page - Power-One HHS60ZD Datasheet HTML 12Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
JUN 06, 2006 revised to JUL 25, 2006
Page 10 of 12
www.power-one.com
HHS60 DC-DC Series Data Sheet
48VDC Input, 60 Amp Half-Brick Converter
Optional Positive-Trim (–T, P/N suffix)
The trim feature allows the user to adjust the output
voltage from its nominal value.
The HHS60 positive-trim (-T) models trim up with a
resistor from the Trim (#7) pin to the +Sense (#8) pin
and trims down with a resistor from the Trim pin to
the –Sense (#6) pin as shown in the Figure 17.
Figure 17
. HHS60 Series Positive Trim Schematic
The equations below determine the trim resistor
value required to achieve a ΔV change in the output
voltage.
100
Rtrim-dn = (-------- - 2) kΩ
Δ%
Vo*(100+
Δ%)
(100+2*
Δ%)
Rtrim-up = (-------------------- - ------------------) kΩ
1.225*
Δ%
Δ%
where ΔV% is the output voltage change expressed
in percent of the nominal output voltage, Vout.
Notes:
1.
When the output voltage is trimmed up, the output power
from the converter must not exceed its maximum rating. The
power is determined by measuring the output voltage on the
output pins, and multiplying it by the output current.
2.
In order to avoid creating apparent load regulation
degradation, it is important that the trim resistors are
connected directly to the remote sense pins, and not to the
load or to traces going to the load.
3.
The output voltage increase can be accomplished by either
the trim or by the remote sense or by the combination of
both. In any case the absolute maximum output voltage
increase shall not exceed the limits defined within the
“Features” section above.
4.
Either Rup or Rdown should be used to adjust the output
voltage according to the equations above. If both Rup and
Rdown are used simultaneously, they will form a resistive
divider and the equations above will not apply
Safety Considerations
The HHS60 Series converters feature 1500 VDC
isolation from input to output. The input to output
resistance is greater than 10MΩ. These converters
are provided with Basic insulation between input and
output circuits according to all IEC60950 based
standards. Nevertheless, if the system using the
converter needs to receive safety agency approval,
certain rules must be followed in the design of the
system.
In particular, all of the creepage and
clearance requirements of the end-use safety
requirements must be observed. These documents
include UL60950 - CSA60950-00 and EN60950,
although other or additional requirements may be
needed for specific applications.
The HHS60 Series converters have no internal fuse.
An external fuse must be provided to protect the
system from catastrophic failure, as illustrated in
figure 15. Refer to the “Input Fuse Selection for
DC/DC converters” application note on www.power-
one.com for proper selection of the input fuse. Both
input traces and the chassis ground trace (if
applicable) must be capable of conducting a current
of 1.5 times the value of the fuse without opening.
The fuse must not be placed in the grounded input
line, if any.
In order for the output of the HHS60 Series converter
to be considered as SELV (Safety Extra Low
Voltage) or TNV-1, according to all IEC60950 based
standards, one of the following requirements must be
met in the system design:
If the voltage source feeding the module is SELV
or TNV-2, the output of the converter may be
grounded or ungrounded.
If the voltage source feeding the module is ELV,
the output of the converter may be considered
SELV only if the output is grounded per the
requirements of the standard.
If the voltage source feeding the module is a
Hazardous Voltage Secondary Circuit, the
voltage source feeding the module must be
provided with at least Basic insulation between
the source to the converter and any hazardous


Similar Part No. - HHS60ZD

ManufacturerPart #DatasheetDescription
logo
Power-One
HHS60ZD POWER-ONE-HHS60ZD Datasheet
56Kb / 2P
   HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
HHS60ZD POWER-ONE-HHS60ZD Datasheet
247Kb / 12P
   48VDC Input, 60 Amp Half-Brick Converter
More results

Similar Description - HHS60ZD

ManufacturerPart #DatasheetDescription
logo
Power-One
HHS05Z55-NT POWER-ONE-HHS05Z55-NT Datasheet
247Kb / 12P
   48VDC Input, 60 Amp Half-Brick Converter
logo
Artesyn Technologies
AVE240C-48S12-4L ARTESYN-AVE240C-48S12-4L Datasheet
1Mb / 24P
   Half-brick Converter
logo
Emerson Network Power
AGQ150-48S05 EMERSON-NETWORKPOWER-AGQ150-48S05 Datasheet
327Kb / 13P
   48Vdc Input, 5Vdc 30A Output Quarter-brick
AGF600-48S30 EMERSON-NETWORKPOWER-AGF600-48S30 Datasheet
493Kb / 15P
   48Vdc Input, 30Vdc 20A Output Full-brick
logo
C&D Technologies
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB60S2403C MURATA-PS-IHB60S2403C Datasheet
175Kb / 4P
   60 Watt Single Output Half Brick DC/DC Converter
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
   60 Watt Triple Output Half Brick DC/DC Converter
logo
Power-One
HBT060ZGHH POWER-ONE-HBT060ZGHH Datasheet
115Kb / 12P
   HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
logo
C&D Technologies
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com