Electronic Components Datasheet Search |
|
HC4ED-L-DC12V Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
HC4ED-L-DC12V Datasheet(HTML) 3 Page - Panasonic Semiconductor |
3 / 15 page Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ HC ASCTB4E 201302-T LED INDICATION TYPE HC RELAY SERIES PRODUCT TYPES 4-pole bifurcated (twin) type and Relay with LED indication are available. TYPES 1. Standard type 1) Plug-in type Standard packing: Carton: 20 pcs.; Case: 200 pcs. 2) Plug-in type (with LED indication) Standard packing: Carton: 20 pcs.; Case: 200 pcs. Type With LED indication type Part number HC -HL Features LED lights up when relay is operating Inspection and detection of trouble is easy. LEDs are green for DC types and red for AC types. All types are available with LED indication. Type Amber sealed type HC relay HC relay with diode type (for DC) Part number HC EHC - - V-D Features Relay is completely sealed with resin. Provides high reliability in adverse surroundings. Suitable for use in dusty conditions or where organic gases are present Has built-in diode to absorb surge when the coil goes to the off state (for DC type). Suitable for protecting relay driver circuits and for noise suppression Diode characteristics: Reverse breakdown voltage 1,000 V Forward current 1 A Nominal coil voltage 1 Form C 2 Form C 3 Form C 4 Form C 4 Form C (twin) Part No. Part No. Part No. Part No. Part No. 6V AC HC1-H-AC6V-F HC2-H-AC6V-F HC3-H-AC6V-F HC4-H-AC6V HC4D-H-AC6V 12V AC HC1-H-AC12V-F HC2-H-AC12V-F HC3-H-AC12V-F HC4-H-AC12V HC4D-H-AC12V 24V AC HC1-H-AC24V-F HC2-H-AC24V-F HC3-H-AC24V-F HC4-H-AC24V HC4D-H-AC24V 48V AC HC1-H-AC48V-F HC2-H-AC48V-F HC3-H-AC48V-F HC4-H-AC48V HC4D-H-AC48V 100/110V AC HC1-H-AC100V-F HC2-H-AC100V-F HC3-H-AC100V-F HC4-H-AC100V HC4D-H-AC100V 110/120V AC HC1-H-AC120V-F HC2-H-AC120V-F HC3-H-AC120V-F HC4-H-AC120V HC4D-H-AC120V 200/220V AC HC1-H-AC200V-F HC2-H-AC200V-F HC3-H-AC200V-F HC4-H-AC200V HC4D-H-AC200V 220/240V AC HC1-H-AC240V-F HC2-H-AC240V-F HC3-H-AC240V-F HC4-H-AC240V HC4D-H-AC240V 6V DC HC1-H-DC6V-F HC2-H-DC6V-F HC3-H-DC6V-F HC4-H-DC6V HC4D-H-DC6V 12V DC HC1-H-DC12V-F HC2-H-DC12V-F HC3-H-DC12V-F HC4-H-DC12V HC4D-H-DC12V 24V DC HC1-H-DC24V-F HC2-H-DC24V-F HC3-H-DC24V-F HC4-H-DC24V HC4D-H-DC24V 48V DC HC1-H-DC48V-F HC2-H-DC48V-F HC3-H-DC48V-F HC4-H-DC48V HC4D-H-DC48V 100/110V DC HC1-H-DC100V-F HC2-H-DC100V-F HC3-H-DC100V-F HC4-H-DC100V HC4D-H-DC100V Nominal coil voltage 1 Form C 2 Form C 3 Form C 4 Form C 4 Form C (twin) Part No. Part No. Part No. Part No. Part No. 6V AC HC1-HL-AC6V-F HC2-HL-AC6V-F HC3-HL-AC6V-F HC4-HL-AC6V HC4D-HL-AC6V 12V AC HC1-HL-AC12V-F HC2-HL-AC12V-F HC3-HL-AC12V-F HC4-HL-AC12V HC4D-HL-AC12V 24V AC HC1-HL-AC24V-F HC2-HL-AC24V-F HC3-HL-AC24V-F HC4-HL-AC24V HC4D-HL-AC24V 100/110V AC HC1-HL-AC100V-F HC2-HL-AC100V-F HC3-HL-AC100V-F HC4-HL-AC100V HC4D-HL-AC100V 110/120V AC HC1-HL-AC120V-F HC2-HL-AC120V-F HC3-HL-AC120V-F HC4-HL-AC120V HC4D-HL-AC120V 200/220V AC HC1-HL-AC200V-F HC2-HL-AC200V-F HC3-HL-AC200V-F HC4-HL-AC200V HC4D-HL-AC200V 220/240V AC HC1-HL-AC240V-F HC2-HL-AC240V-F HC3-HL-AC240V-F HC4-HL-AC240V HC4D-HL-AC240V 6V DC HC1-HL-DC6V-F HC2-HL-DC6V-F HC3-HL-DC6V-F HC4-HL-DC6V HC4D-HL-DC6V 12V DC HC1-HL-DC12V-F HC2-HL-DC12V-F HC3-HL-DC12V-F HC4-HL-DC12V HC4D-HL-DC12V 24V DC HC1-HL-DC24V-F HC2-HL-DC24V-F HC3-HL-DC24V-F HC4-HL-DC24V HC4D-HL-DC24V 48V DC HC1-HL-DC48V-F HC2-HL-DC48V-F HC3-HL-DC48V-F HC4-HL-DC48V HC4D-HL-DC48V 100/110V DC HC1-HL-DC100V-F HC2-HL-DC100V-F HC3-HL-DC100V-F HC4-HL-DC100V HC4D-HL-DC100V 1234 5678 910 11 12 13 –+14 LED • LED colors indicate the type of relay: red for AC type and green for DC type. Protection diode (Bottom view) |
Similar Part No. - HC4ED-L-DC12V |
|
Similar Description - HC4ED-L-DC12V |