Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA810T-T1-A Datasheet(PDF) 2 Page - California Eastern Labs

Part # UPA810T-T1-A
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPA810T-T1-A Datasheet(HTML) 2 Page - California Eastern Labs

  UPA810T-T1-A Datasheet HTML 1Page - California Eastern Labs UPA810T-T1-A Datasheet HTML 2Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
20
VCEO
Collector to Emitter Voltage
V
12
VEBO
Emitter to Base Voltage
V
3
IC
Collector Current
mA
100
PT
Total Power Dissipation
1 Die
mW
110
2 Die
mW
200
TJ
Junction Temperature
°
C
150
TSTG
Storage Temperature
°
C
-65 to +150
Note: 1.Operation in excess of any one of these parameters
may result in permanent damage.
PART NUMBER
QUANTITY
PACKAGING
UPA810T
Loose Products (50 pcs)
Embossed tape 8mm wide. Pin 6 (Q1 Base),
Pin 5 (Q1 Emmitter) Pin 4 (Q2 Emitter)
face to perforation side of tape
UPA810T-T1
Taping products
(3 KPCS/Reel)
ORDERING INFORMATION (Solder Contains Lead)
PART NUMBER
QUANTITY
PACKAGING
UPA810T-A
Loose Products (50 pcs)
Embossed tape 8mm wide. Pin 6 (Q1 Base),
Pin 5 (Q1 Emmitter) Pin 4 (Q2 Emitter)
face to perforation side of tape
UPA810T-T1-A
Taping products
(3 KPCS/Reel)
ORDERING INFORMATION (Pb-Free)
UPA810T


Similar Part No. - UPA810T-T1-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPA810T-T1-A CEL-UPA810T-T1-A Datasheet
207Kb / 3P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - UPA810T-T1-A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com