Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-4719 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-4719
Description  Telecommunications indicators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-4719 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-4719 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Absolute Maximum Ratings
Parameter
Maximum Rating
Units
Power Dissipation
(Derate linearly from 92°C at 1.0 mA/°C)
Red
Yellow
Green
14
17.5
15.4
mW
DC and Peak Forward Current
7
mA
Transient Forward Current (10 μs Pulse)[1]
500
mA
Reverse Voltage (IR = 50 μA)
5.0
V
Operating Temperature Range
Red/Yellow
Green
-40 to 100
-20 to 100
°C
°C
Storage Temperature Range
-40 to +100
°C
Notes:
1. The transient peak current is the maximum non-recurring peak current the devices can withstand without damaging the LED die and wire bonds.
It is not recommended that the device be operated at peak currents beyond the Absolute Maximum Peak Forward Current.
0
0
VOLTAGE – V
1.5
6
0.5
1.0
2.5
2
4
8
10
2.0
RED
YELLOW
GREEN
0
0
IDC -DC CURRENT PER LED - mA
6
6.0
2
4
10
2.0
4.0
8.0
10.0
8
RED
YELLOW
GREEN
TA - 25°C
YELLOW
WAVELENGTH – nm
1.0
0.5
0
500
550
600
650
700
750
GREEN
TA = 25° C
RED
Figure 1. Relative intensity vs. wavelength.
Figure 2. Forward current vs. forward voltage.
Figure 3. Relative luminous intensity vs. forward current.


Similar Part No. - HLMP-4719

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-4719 QT-HLMP-4719 Datasheet
183Kb / 2P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-4719 HP-HLMP-4719 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Fairchild Semiconductor
HLMP-4719 FAIRCHILD-HLMP-4719 Datasheet
164Kb / 3P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4719 AVAGO-HLMP-4719 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-4719 AVAGO-HLMP-4719 Datasheet
294Kb / 10P
   Telecommunications indicators
More results

Similar Description - HLMP-4719

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700-B00A1 AVAGO-HLMP-1700-B00A1 Datasheet
294Kb / 10P
   Telecommunications indicators
logo
Copal Electronics
PZ-30 COPAL-PZ-30_16 Datasheet
139Kb / 7P
   PRESSURE INDICATORS
logo
Omron Electronics LLC
K3HB OMRON-K3HB Datasheet
1Mb / 32P
   Digital Indicators
logo
OSRAM GmbH
LSYT67B OSRAM-LSYT67B Datasheet
429Kb / 15P
   optical indicators
LSYT676-P2R1-1-Q2S1-35 OSRAM-LSYT676-P2R1-1-Q2S1-35 Datasheet
398Kb / 17P
   optical indicators
LOGT77K OSRAM-LOGT77K Datasheet
519Kb / 16P
   optical indicators
logo
Copal Electronics
PZ-200 COPAL-PZ-200_16 Datasheet
91Kb / 4P
   PRESSURE INDICATORS
logo
QT Optoelectronics
MV53173 QT-MV53173 Datasheet
309Kb / 3P
   PANEL INDICATORS
logo
Carling Technologies
LP1HRR5-9AAY2-1DU CARLINGTECH-LP1HRR5-9AAY2-1DU Datasheet
751Kb / 6P
   Illuminated Indicators
logo
OSRAM GmbH
LSYT676 OSRAM-LSYT676 Datasheet
398Kb / 17P
   optical indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com