Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX823TEUK Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MAX823TEUK
Description  Voltage Supervisor with Watchdog Timer and Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MAX823TEUK Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MAX823TEUK Datasheet HTML 6Page - Micrel Semiconductor MAX823TEUK Datasheet HTML 7Page - Micrel Semiconductor MAX823TEUK Datasheet HTML 8Page - Micrel Semiconductor MAX823TEUK Datasheet HTML 9Page - Micrel Semiconductor MAX823TEUK Datasheet HTML 10Page - Micrel Semiconductor MAX823TEUK Datasheet HTML 11Page - Micrel Semiconductor MAX823TEUK Datasheet HTML 12Page - Micrel Semiconductor MAX823TEUK Datasheet HTML 13Page - Micrel Semiconductor MAX823TEUK Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Micrel, Inc.
MAX823/4/5
January 14, 2014
11
Revision 1.0
Watchdog Input
The MAX823/4 has an on-chip watchdog timer that can
reset the microprocessor if it fails to strobe the WDI input
within a preset timeout period (tWD). If the WDI pin is left
unconnected, this function is disabled. The watchdog
timeout period starts when the reset outputs
are
deasserted
or
either
a
high-to-low
or
low-to-high
transition occurs before the watchdog timeout period
(tWD). If the watchdog timer times out, then the reset
outputs will assert and stay asserted for a reset timeout
period (tRP). The watchdog timer is also cleared whenever
the reset outputs are asserted by /MR, or if VCC falls
below VRST. The watchdog timer starts again whenever
the reset outputs are de-asserted.
Figure 3. Watchdog Input
Watchdog Input Current
The WDI input current is the current sourced or sinked by
the WDI pin when the WDI input is driven low or high,
respectively. The WDI input is designed to drive a tri-
state output device with a 10µA maximum leakage
current and a maximum capacitance of 200pF.
VCC Transient
The MAX823/4/5 is relatively immune to small negative-
going VCC glitches below the reset threshold. As shown in
Figure 4, the overdrive voltage is the difference between
the threshold voltage and the minimum point of the VCC
glitch. Typically, an overdrive of 100mV with duration of
2
μs or less will not cause a reset.
Figure 4. VCC Transient
Reset Valid up to VCC = 1V
The MAX823/4/5 is a supervisory circuit that monitors the
power supply voltage level. If the power supply voltage
level falls below the factory-programmed threshold level,
then the reset signals are asserted. The MAX823/4/5
maintains the reset states with VCC as low as 1V.
Supply Bypass Capacitor
An optional 0.1µF input bypass capacitor can be placed
from VCC (Pin 6) to GND (Pin 2) to increase glitch
rejection and provides additional transient immunity.


Similar Part No. - MAX823TEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX823TEUK MAXIM-MAX823TEUK Datasheet
78Kb / 8P
   5-Pin Microprocessor Supervisory Circuits
Rev 1; 6/97
More results

Similar Description - MAX823TEUK

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MIC826 MICREL-MIC826 Datasheet
422Kb / 15P
   Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
   5-pin supervisor with watchdog timer and push-button reset
June 2016 Rev 13
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com