Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA802T Datasheet(PDF) 3 Page - California Eastern Labs

Part # UPA802T
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPA802T Datasheet(HTML) 3 Page - California Eastern Labs

  UPA802T Datasheet HTML 1Page - California Eastern Labs UPA802T Datasheet HTML 2Page - California Eastern Labs UPA802T Datasheet HTML 3Page - California Eastern Labs UPA802T Datasheet HTML 4Page - California Eastern Labs UPA802T Datasheet HTML 5Page - California Eastern Labs UPA802T Datasheet HTML 6Page - California Eastern Labs UPA802T Datasheet HTML 7Page - California Eastern Labs UPA802T Datasheet HTML 8Page - California Eastern Labs UPA802T Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UPA802T
TYPICAL PERFORMANCE CURVES (TA = 25°C)
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
Collector Current, IC (mA)
Collector Current, IC (mA)
INSERTION POWER GAIN vs.
FREQUENCY
Frequency, f (GHz)
10
8
6
4
2
0
0.5
5
150
10
VCE = 3 V
f = 1 GHz
15
10
5
0
0.5
5
150
10
VCE = 3 V
f = 1 GHz
4
3
2
5
1
0
0.5
5.0
1.0
50
10
VCE = 3 V
f = 1 GHz
20
15
10
25
5
0
0.1
0.5
0.2
2.0
5.0
1.0
VCE = 3 V
lc = 7 mA
NOISE FIGURE vs.
COLLECTOR CURRENT
Collector Current, IC (mA)


Similar Part No. - UPA802T

ManufacturerPart #DatasheetDescription
logo
NEC
UPA802T NEC-UPA802T Datasheet
53Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
logo
California Eastern Labs
UPA802T CEL-UPA802T Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
UPA802T RENESAS-UPA802T Datasheet
216Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
UPA802T-T1 NEC-UPA802T-T1 Datasheet
53Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
logo
Renesas Technology Corp
UPA802T-T1 RENESAS-UPA802T-T1 Datasheet
216Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - UPA802T

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com