Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA802T Datasheet(PDF) 1 Page - California Eastern Labs

Part # UPA802T
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPA802T Datasheet(HTML) 1 Page - California Eastern Labs

  UPA802T Datasheet HTML 1Page - California Eastern Labs UPA802T Datasheet HTML 2Page - California Eastern Labs UPA802T Datasheet HTML 3Page - California Eastern Labs UPA802T Datasheet HTML 4Page - California Eastern Labs UPA802T Datasheet HTML 5Page - California Eastern Labs UPA802T Datasheet HTML 6Page - California Eastern Labs UPA802T Datasheet HTML 7Page - California Eastern Labs UPA802T Datasheet HTML 8Page - California Eastern Labs UPA802T Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UPA802T
NPN SILICON HIGH
FREQUENCY TRANSISTOR
SILICON TRANSISTOR
• SMALL PACKAGE STYLE:
2 NE681 Die in a 2 mm x 1.25 mm package
• LOW NOISE FIGURE:
NF = 1.4 dB TYP at 1 GHz
• HIGH GAIN:
|S21E|2 = 12 dB TYP at 1 GHz
• HIGH GAIN BANDWIDTH: fT = 7 GHz
• LOW CURRENT OPERATION
FEATURES
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE S06
(Top View)
DESCRIPTION
The UPA802T is two NPN high frequency silicon epitaxial
transistors encapsulated in an ultra small 6 pin SMT package.
Each transistor is independently mounted and easily config-
ured for either dual transistor or cascode operation. The high
fT, low voltage bias and small size make this device suited for
various hand-held wireless applications.
T
2
0
8
A
P
U
R
E
B
M
U
N
T
R
A
P
6
0
S
E
N
I
L
T
U
O
E
G
A
K
C
A
P
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICBO
Collector Cutoff Current at VCB = 10 V, IE = 0
μ
8
.
0
A
IEBO
Emitter Cutoff Current at VEB = 1 V, IC = 0
μ
8
.
0
A
hFE1
Forward Current Gain at VCE = 3 V, IC
0
4
2
0
0
1
0
7
A
m
7
=
fT
Gain Bandwidth at VCE = 3 V, IC = 7 mA, f = 1 GHz
GHz
4.5
7.0
Cre2
Feedback Capacitance at VCB = 3 V, IE
9
.
0
F
p
z
H
M
1
=
f
,
0
=
|S21E|2
Insertion Power Gain at VCE = 3 V, IC =7 mA, f = 1 GHz
dB
10
12
NF
Noise Figure at VCE = 3 V, IC
7
.
1
4
.
1
B
d
z
H
G
1
=
f
,
A
m
7
=
hFE1/hFE2
hFE
5
8
.
0
:
oi
t
a
R
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Notes: 1. Pulsed measurement, pulse width ≤ 350 μs, duty cycle ≤ 2 %.
2. The emitter terminal should be connected to the ground terminal of the 3 terminal capacitance bridge.
For Tape and Reel version use part number UPA802T-T1, 3K per reel.
Note:
Pin 3 is identified with a circle on the bottom of the package.
PIN OUT
1. Collector Transistor 1
2. Emitter Transistor 1
3. Collector Transistor 2
4. Emitter Transistor 2
5. Base Transistor 2
6. Base Transistor 1
hFE1 = Smaller Value of Q1, or Q2
hFE2 = Larger Value of Q1 or Q2
2.1 ± 0.1
1.25 ± 0.1
0 ~ 0.1
0.15
0.9 ± 0.1
0.7
2.0 ± 0.2
0.65
1.3
1
2
3
4
5
6
0.2 (All Leads)
+0.10
- 0.05


Similar Part No. - UPA802T

ManufacturerPart #DatasheetDescription
logo
NEC
UPA802T NEC-UPA802T Datasheet
53Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
logo
California Eastern Labs
UPA802T CEL-UPA802T Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
UPA802T RENESAS-UPA802T Datasheet
216Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
UPA802T-T1 NEC-UPA802T-T1 Datasheet
53Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
logo
Renesas Technology Corp
UPA802T-T1 RENESAS-UPA802T-T1 Datasheet
216Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - UPA802T

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com