Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2033-05AYMT Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2033-05AYMT
Description  High-Accuracy, High-Side, Fixed Current Limit Power Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2033-05AYMT Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2033-05AYMT Datasheet HTML 5Page - Micrel Semiconductor MIC2033-05AYMT Datasheet HTML 6Page - Micrel Semiconductor MIC2033-05AYMT Datasheet HTML 7Page - Micrel Semiconductor MIC2033-05AYMT Datasheet HTML 8Page - Micrel Semiconductor MIC2033-05AYMT Datasheet HTML 9Page - Micrel Semiconductor MIC2033-05AYMT Datasheet HTML 10Page - Micrel Semiconductor MIC2033-05AYMT Datasheet HTML 11Page - Micrel Semiconductor MIC2033-05AYMT Datasheet HTML 12Page - Micrel Semiconductor MIC2033-05AYMT Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Micrel, Inc.
MIC2033
August 2012
9
M9999-082012-A
Typical Characteristics (Continued)
Current Limit
vs. Temperature
400
450
500
550
600
-50
-25025
50
75
100
125
TEMPERATURE (°C)
VIN = 5V
VOUT = 4V
MIC2033-05xx
Current Limit
vs. Temperature
0
200
400
600
800
1000
1200
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 5V
VOUT = 4V
MIC2033-08xx
Current Limit
vs. Temperature
0.00
0.25
0.50
0.75
1.00
1.25
1.50
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 5V
VOUT = 4V
MIC2033-10xx
Current Limit
vs. Temperature
1.10
1.15
1.20
1.25
1.30
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 5V
VOUT = 4V
MIC2033-12xx
VIN - VOUT
vs. Output Current
0
10
20
30
40
50
0
100
200
300
400
500
OUTPUT CURRENT (mA)
VIN = 5V
TA = 25°C
MIC2033-05xx
VIN - VOUT
vs. Output Current
0
25
50
75
100
125
0.00
0.25
0.50
0.75
1.00
1.25
OUTPUT CURRENT (A)
VIN = 5V
TA = 25°C
MIC2033-12xx
FAULT/ Pin Resistance
vs. Temperature
0
5
10
15
20
25
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 5V
IFLAG = 10mA
FAULT/ Response Time
vs. Temperature
0
10
20
30
40
50
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 5V
MIC2033-xxxx


Similar Part No. - MIC2033-05AYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2033-05AYMT MICREL-MIC2033-05AYMT Datasheet
701Kb / 21P
   High-Accuracy, High-Side, Fixed Current Limit Power Switch
More results

Similar Description - MIC2033-05AYMT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2033 MICROCHIP-MIC2033 Datasheet
1Mb / 28P
   High-Accuracy, High-Side, Fixed Current-Limit Power Switch
09/14/21
logo
Micrel Semiconductor
MIC2033 MICREL-MIC2033_15 Datasheet
701Kb / 21P
   High-Accuracy, High-Side, Fixed Current Limit Power Switch
logo
Microchip Technology
MIC2039 MICROCHIP-MIC2039 Datasheet
2Mb / 28P
   High-Accuracy, High-Side, Adjustable Current-Limit Power Switch
Revision B (May 2022)
logo
Micrel Semiconductor
MIC2039 MICREL-MIC2039 Datasheet
694Kb / 21P
   High-Accuracy, High-Side, Adjustable Current Limit Power Switch
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
   Programmable Current Limit High-Side Switch
logo
Rohm
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A Datasheet
288Kb / 16P
   Programmable Current Limit High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com