Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX823MEXK Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MAX823MEXK
Description  Voltage Supervisor with Watchdog Timer and Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MAX823MEXK Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MAX823MEXK Datasheet HTML 2Page - Micrel Semiconductor MAX823MEXK Datasheet HTML 3Page - Micrel Semiconductor MAX823MEXK Datasheet HTML 4Page - Micrel Semiconductor MAX823MEXK Datasheet HTML 5Page - Micrel Semiconductor MAX823MEXK Datasheet HTML 6Page - Micrel Semiconductor MAX823MEXK Datasheet HTML 7Page - Micrel Semiconductor MAX823MEXK Datasheet HTML 8Page - Micrel Semiconductor MAX823MEXK Datasheet HTML 9Page - Micrel Semiconductor MAX823MEXK Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Micrel, Inc.
MAX823/4/5
January 14, 2014
6
Revision 1.0
Electrical Characteristics (Continued)
(5)
VCC = 4.7V to 5.5V for MAX823/4/5L, VCC = 4.5V to 5.5V for MAX823/4/5M, VCC = 3.15V to 3.6V for MAX823/4/5T, VCC = 3.0V to 3.6V
for MAX823/4/5S, VCC = 2.7V to 3.6V for MAX823/4/5R, VCC = 2.38V to 2.75V for MAX823/4/5Z, VCC = 2.25V to 2.75V for
MAX823/4/5Y, VCC = 1.75V to 2.0V for MAX823/4/5W; TJ = +25˚C, bold values
(6) indicate –40˚C ≤ T
J ≤ +125˚C, unless otherwise noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Reset Timeout Period
(tRP)
140
200
280
ms
Reset Time
VCC to /RESET Delay
(tRD)
10
µs
Reset Outputs (/RESET, RESET)
/RESET Output Voltage
High (VOH)
L, M: VCC VRST (MAX), ISOURCE = 120µA
VCC – 1.5
V
T, S, R, Z, Y: VCC VRST (MAX),
ISOURCE = 30µA
0.8 × VCC
V
W: VCC VRST (MAX), ISOURCE = 20µA
0.8 × VCC
V
/RESET Output Voltage
Low (VOL)
L, M: VCC VRST (MIN), ISINK = 3.2mA
0.4
V
T, S, R, Z, Y, W: VCC VRST (MIN),
ISINK = 1.2mA
0.3
V
TA = 0˚C to +70˚C, VCC = 1V, ISINK =50µA
0.3
V
VCC = 1.2V, ISINK =100µA
0.3
V
/RESET Output Short-
Circuit Current
(7)
L, M: /RESET = 0V, VCC = 5.5V
800
µA
T, S, R, Z, Y, W: /RESET = 0V,
VCC = 3.6V
400
µA
RESET Output Voltage
High (VOH)
VCC 1.6VISOURCE = 150µA
0.8 × VCC
V
RESET Output Voltage
Low (VOL)
L, M: VCC VRST (MAX), ISINK = 3.2mA
0.4
V
T, S, R, Z, Y, W: VCC VRST (MAX),
ISINK = 1.2mA
0.3
V
Watchdog Input (WDI)
(8)
Watchdog Timeout
Period (tWD)
1.12
1.60
2.40
s
Watchdog Pulse Width
50
ns
Watchdog Input Low
Voltage (VIL)
0.3 ×
VCC
V
Watchdog Input High
Voltage (VIH)
0.7 × VCC
V
Watchdog Input Current
WDI = VCC
15
25
µA
WDI = 0V
-20
-15
µA


Similar Part No. - MAX823MEXK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX823MEUK MAXIM-MAX823MEUK Datasheet
78Kb / 8P
   5-Pin Microprocessor Supervisory Circuits
Rev 1; 6/97
More results

Similar Description - MAX823MEXK

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MIC826 MICREL-MIC826 Datasheet
422Kb / 15P
   Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
   5-pin supervisor with watchdog timer and push-button reset
June 2016 Rev 13
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com