Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2295BML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2295BML
Description  High Power Density 1.2A Boost Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2295BML Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC2295BML Datasheet HTML 1Page - Micrel Semiconductor MIC2295BML Datasheet HTML 2Page - Micrel Semiconductor MIC2295BML Datasheet HTML 3Page - Micrel Semiconductor MIC2295BML Datasheet HTML 4Page - Micrel Semiconductor MIC2295BML Datasheet HTML 5Page - Micrel Semiconductor MIC2295BML Datasheet HTML 6Page - Micrel Semiconductor MIC2295BML Datasheet HTML 7Page - Micrel Semiconductor MIC2295BML Datasheet HTML 8Page - Micrel Semiconductor MIC2295BML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Micrel
MIC2295
July 2004
M9999-052402
6
(408) 955-1690
Functional Description
The MIC2295 is a high power density, PWM dc/dc
boost regulator. The block diagram is shown in
Figure 1. The MIC2295 is composed of an oscillator,
slope compensation ramp generator, current
amplifier, gm error amplifier, PWM generator, and a
1.2A bipolar output transistor. The oscillator
generates a 1.2MHz clock. The clock’s two functions
are to trigger the PWM generator that turns on the
output transistor, and to reset the slope
compensation ramp generator. The current amplifier
is used to measure the switch current by amplifying
the voltage signal from the internal sense resistor.
The output of the current amplifier is summed with
the output of the slope compensation ramp
generator. This summed current-loop signal is fed to
one of the inputs of the PWM generator.
The gm error amplifier measures the feedback
voltage through the external feedback resistors and
amplifies the error between the detected signal and
the 1.24V reference voltage. The output of the gm
error amplifier provides the voltage-loop signal that
is fed to the other input of the PWM generator.
When the current-loop signal exceeds the voltage-
loop signal, the PWM generator turns off the bipolar
output transistor. The next clock period initiates the
next switching cycle, maintaining constant frequency
current-mode PWM control.
GND
CA
PWM
Generator
Ramp
Generator
1.2MHz
Oscillator
SW
EN
FB
OVP*
VIN
1.24V
*OVP available on MLFTM package option only.
gm
OVP*
Σ
VREF
MIC2295
MIC2295 Block Diagram


Similar Part No. - MIC2295BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2295BML MICREL-MIC2295BML Datasheet
1Mb / 13P
   High Power Density 1.2A Boost Regulator
MIC2295BML MICREL-MIC2295BML Datasheet
408Kb / 12P
   High Power Density 1.2A Boost Regulator
More results

Similar Description - MIC2295BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2295 MICREL-MIC2295_05 Datasheet
408Kb / 12P
   High Power Density 1.2A Boost Regulator
MIC2295 MICREL-MIC2295 Datasheet
1Mb / 13P
   High Power Density 1.2A Boost Regulator
MIC2296 MICREL-MIC2296 Datasheet
223Kb / 10P
   High Power Density 1.2A Boost Regulator
MIC2296 MICREL-MIC2296_10 Datasheet
218Kb / 12P
   High Power Density 1.2A Boost Regulator
logo
Intersil Corporation
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Renesas Technology Corp
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_11 Datasheet
710Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
logo
Renesas Technology Corp
ISL9110 RENESAS-ISL9110 Datasheet
1Mb / 21P
   1.2A High Efficiency Buck-Boost Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com