Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2230-GWYML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2230-GWYML
Description  Dual Synchronous DC/DC Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2230-GWYML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2230-GWYML Datasheet HTML 1Page - Micrel Semiconductor MIC2230-GWYML Datasheet HTML 2Page - Micrel Semiconductor MIC2230-GWYML Datasheet HTML 3Page - Micrel Semiconductor MIC2230-GWYML Datasheet HTML 4Page - Micrel Semiconductor MIC2230-GWYML Datasheet HTML 5Page - Micrel Semiconductor MIC2230-GWYML Datasheet HTML 6Page - Micrel Semiconductor MIC2230-GWYML Datasheet HTML 7Page - Micrel Semiconductor MIC2230-GWYML Datasheet HTML 8Page - Micrel Semiconductor MIC2230-GWYML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Micrel, Inc.
MIC2230
April 2010
5
M9999-040810-C
Electrical Characteristics (cont.)
(4)
Parameter
Condition
Min
Typ
Max
Units
Protection
Current Limit
Peak Switch Current, VOUT = 0V
0.9
1.2
1.8
A
Control
Maximum Duty Cycle
VFB = 0.7V
100
%
Oscillator
PWM Mode Frequency
2.125
2.5
2.875
MHz
Power Good
Power Good Reset
Threshold
Upper Threshold
Lower Threshold
-14
6.25
-8.5
12
%
PGOOD Series
Resistance
1
1.4
kΩ
PGOOD Pull-Up Current
Output within 8.5% of regulation
5
µA
Power Switch
Switch On-Resistance
ISW = 150mA (PFET)
ISW = 150mA (NFET)
0.4
0.35
Ω
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. Specification for packaged product only.


Similar Part No. - MIC2230-GWYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2230-GWYML MICREL-MIC2230-GWYML Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results

Similar Description - MIC2230-GWYML

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6202 POWER-LP6202 Datasheet
235Kb / 7P
   Synchronous Boost DC/DC Regulator
logo
Shenzhen Huazhimei Semi...
HM3400 HMSEMI-HM3400 Datasheet
525Kb / 9P
   Synchronous Boost DC/DC Regulator
logo
Lowpower Semiconductor ...
LP6202A POWER-LP6202A Datasheet
236Kb / 6P
   Synchronous Boost DC/DC Regulator
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Semtech Corporation
SC197 SEMTECH-SC197 Datasheet
1Mb / 20P
   3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
logo
Linear Technology
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com