Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX824MEUK Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MAX824MEUK
Description  Voltage Supervisor with Watchdog Timer and Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MAX824MEUK Datasheet(HTML) 1 Page - Micrel Semiconductor

  MAX824MEUK Datasheet HTML 1Page - Micrel Semiconductor MAX824MEUK Datasheet HTML 2Page - Micrel Semiconductor MAX824MEUK Datasheet HTML 3Page - Micrel Semiconductor MAX824MEUK Datasheet HTML 4Page - Micrel Semiconductor MAX824MEUK Datasheet HTML 5Page - Micrel Semiconductor MAX824MEUK Datasheet HTML 6Page - Micrel Semiconductor MAX824MEUK Datasheet HTML 7Page - Micrel Semiconductor MAX824MEUK Datasheet HTML 8Page - Micrel Semiconductor MAX824MEUK Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MAX823/4/5
Voltage Supervisor with Watchdog Timer
and Manual Reset
Revision 1.0
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
January 14, 2014
Revision 1.0
General Description
The MAX823/4/5 voltage supervisory circuits combine
low-current, manual reset input, watchdog timer, active-
high and active-low push-pull outputs. The reset outputs
are asserted and held when the supply voltage falls below
the factory-programmed threshold voltage, when the /MR
pin is pulled low, or if the watchdog times out. Reset is
asserted for the reset timeout delay after the supply
voltage increases above the rising threshold voltage or
when manual reset input is asserted high.
The MAX823/4/5 features an integrated pull-up resistor on
the /MR pin. An active-low push-pull reset output (/RESET)
and an active-high reset output (RESET) provide flexibility
when interfacing with various microcontrollers, PMICs, or
load
switches.
The
watchdog
input
can
be
left
unconnected for applications that do not require watchdog
monitoring.
The MAX823/4/5 consumes a quiescent current of only
3.8µA and is offered in standard SOT23-5 and SC70-5
packages. It is rated for the
–40°C to +125°C temperature
range.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
 Precision 1.665V to 4.625V power supply monitor
 ±0.5% threshold accuracy at TA = +25°C
 ±1.5% threshold accuracy from TA = –40°C to +125°C
 3.8µA supply current (S,R,T,W,Y,Z options)
 4.8µA supply current (L,M options)
 Manual reset input (MAX823/5)
 140ms (min.) reset timeout period
 1.6s (typ.) watchdog timeout period
 Active-high and active-low push-pull outputs
 Guaranteed reset output valid to VCC = 1V
 40°C to +125°C junction temperature range
 5-pin SOT23 & SC70 packages
 8x lower watchdog input current than competition
Applications
 Computers and Controllers
 Embedded Controllers
 Intelligent Instruments
 Automotive Systems
 Critical µP Monitoring
 Portable/ Battery-Powered Equipment
Typical Application


Similar Part No. - MAX824MEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX824MEUK MAXIM-MAX824MEUK Datasheet
78Kb / 8P
   5-Pin Microprocessor Supervisory Circuits
Rev 1; 6/97
More results

Similar Description - MAX824MEUK

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MIC826 MICREL-MIC826 Datasheet
422Kb / 15P
   Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
   5-pin supervisor with watchdog timer and push-button reset
June 2016 Rev 13
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com