Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2527-2BN Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2527-2BN
Description  Quad USB Power Control Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2527-2BN Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2527-2BN Datasheet HTML 1Page - Micrel Semiconductor MIC2527-2BN Datasheet HTML 2Page - Micrel Semiconductor MIC2527-2BN Datasheet HTML 3Page - Micrel Semiconductor MIC2527-2BN Datasheet HTML 4Page - Micrel Semiconductor MIC2527-2BN Datasheet HTML 5Page - Micrel Semiconductor MIC2527-2BN Datasheet HTML 6Page - Micrel Semiconductor MIC2527-2BN Datasheet HTML 7Page - Micrel Semiconductor MIC2527-2BN Datasheet HTML 8Page - Micrel Semiconductor MIC2527-2BN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
May 7, 1998
3
MIC2527
MIC2527
Micrel
Electrical Characteristics
V
IN = +5V; TA = 25°C; unless noted.
Parameter
Condition
Min
Typ
Max
Units
Supply Current
Note 1, switch off, OUT = open
1.5
µA
Note 1, all switches on, OUT = open
220
µA
Enable Input Threshold
low to high transition
2.1
2.4
V
high to low transition, Note 1
0.8
1.9
V
Enable Input Current
V
EN = VOH(min) = 2.4V
0.01
1
µA
V
EN = VOL(max) = 0.8V
0.01
1
µA
Enable Input Capacitance
1pF
Switch Resistance
each switch
200
300
m
Output Turn-On Delay
R
L = 10Ω each output
0.5
ms
Output Turn-On Rise Time
R
L = 10Ω each output
1
ms
Output Turnoff Delay
R
L = 10Ω each output
1
20
µs
Output Turnoff Fall Time
R
L = 10Ω each output
1
20
µs
Output Leakage Current
each output
10
µA
Short-Circuit Current Limit
each output
0.5
0.75
1.25
A
Overtemperature Shutdown
T
J increasing
135
°C
Threshold
T
J decreasing
125
°C
Error Flag Output Resistance
V
IN = 5V, IL = 10mA
10
V
IN = 3.3V, IL = 10mA
15
Error Flag Off Current
V
FLAG = 5V
0.01
1
µA
UVLO Threshold
V
IN = increasing
2.5
V
V
IN = decreasing
2.3
V
General Note: Devices are ESD protected, however, handling precautions recommended.
Note 1:
Off is
≤ 0.8V and on is ≥ 2.4V for the MIC2527-1. Off is ≥ 2.4V and on is ≤ 0.8V for the MIC2527-2. The enable input has approximately
200mV of hysteresis. See control threshold charts.
Absolute Maximum Ratings
Supply Voltage (V
IN) .................................................. +8.0V
Fault Flag Voltage (V
FLG) ........................................... +8.0V
Fault Flag Current (I
FLG) ............................................ 50mA
Output Voltage (V
OUT) ............................................... +8.0V
Output Current (I
OUT) ............................... Internally Limited
Control Input (V
EN) ......................................... –0.3V to 12V
Storage Temperature (T
S) ....................... –65°C to +150°C
Lead Temperature (Soldering 5 sec.) ....................... 260
°C
Operating Ratings
Supply Voltage (V
IN) ...................................... +3V to +5.5V
Ambient Operating Temperature (T
A) ........ –40°C to +85°C
Thermal Resistance
SOIC (
θ
JA) ......................................................... 120°C/W
DIP(
θ
JA) ............................................................. 130°C/W
Red Electrical Characteristics
are
CONFIDENTIAL


Similar Part No. - MIC2527-2BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2527-2BN MICREL-MIC2527-2BN Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
More results

Similar Description - MIC2527-2BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
logo
Champion Microelectroni...
CM2026 CHAMP-CM2026 Datasheet
262Kb / 7P
   DUAL USB POWER CONTROL SWITCH
logo
Linear Dimensions Semic...
LND3526 LINEAR_DIMENSIONS-LND3526 Datasheet
183Kb / 7P
   DUAL USB POWER CONTROL SWITCH
LND3526H LINEAR_DIMENSIONS-LND3526H Datasheet
137Kb / 1P
   DUAL USB POWER CONTROL SWITCH
logo
List of Unclassifed Man...
WT6621 ETC2-WT6621 Datasheet
149Kb / 15P
   Dual USB Power Control Switch
CM2026 ETC-CM2026 Datasheet
255Kb / 7P
   DUAL USB POWER CONTROL SWITCH
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
logo
Analog Intergrations Co...
AIC1529 AIC-AIC1529 Datasheet
275Kb / 11P
   Quad USB High-Side Power Switch
AIC1527 AIC-AIC1527 Datasheet
158Kb / 8P
   Quad USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com