Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL1881C Datasheet(PDF) 5 Page - Elantec Semiconductor

Part # EL1881C
Description  Sync Separator, Low Power
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL1881C Datasheet(HTML) 5 Page - Elantec Semiconductor

  EL1881C Datasheet HTML 1Page - Elantec Semiconductor EL1881C Datasheet HTML 2Page - Elantec Semiconductor EL1881C Datasheet HTML 3Page - Elantec Semiconductor EL1881C Datasheet HTML 4Page - Elantec Semiconductor EL1881C Datasheet HTML 5Page - Elantec Semiconductor EL1881C Datasheet HTML 6Page - Elantec Semiconductor EL1881C Datasheet HTML 7Page - Elantec Semiconductor EL1881C Datasheet HTML 8Page - Elantec Semiconductor EL1881C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
EL1881C
Sync Separator, Low Power
Typical Performance Curves
Burst/Back Porch Width vs RSET
VDD=5V, TA=25°C
6
5
4
3
2
1
200
400
600
800
1000
RSET (kΩ)
Vertical Default Delay vs RSET
VDD=5V, TA=25°C
120
100
60
40
20
0
200
400
600
800
1000
RSET (kΩ)
Burst/Back Porch Width vs Temperature
3.9
3.8
3.6
3.3
3.1
Temperature (°C)
Composite Sync Prop Delay vs Temperature
41
31
-50
-25
0
50
100
Temperature (°C)
80
35
33
3.4
3.2
3.7
3.5
25
75
-50
-25
0
50
100
25
75
5.5V
5V
4.5V
39
37
Burst/Back Porch Delay vs RSET
VDD=5V, TA=25°C
350
150
100
50
0
200
400
800
1000
RSET (kΩ)
Vertical Sync Width vs RSET
VDD=5V, TA=25°C
350
100
50
0
200
400
600
1000
RSET (kΩ)
200
250
300
300
150
600
800
250
200


Similar Part No. - EL1881C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1881CN INTERSIL-EL1881CN Datasheet
193Kb / 11P
   Sync Separator, Low Power
logo
Renesas Technology Corp
EL1881CN RENESAS-EL1881CN Datasheet
618Kb / 13P
   Sync Separator, Low Power
logo
Intersil Corporation
EL1881CS INTERSIL-EL1881CS Datasheet
193Kb / 11P
   Sync Separator, Low Power
logo
Renesas Technology Corp
EL1881CS RENESAS-EL1881CS Datasheet
618Kb / 13P
   Sync Separator, Low Power
logo
Intersil Corporation
EL1881CS-T13 INTERSIL-EL1881CS-T13 Datasheet
193Kb / 11P
   Sync Separator, Low Power
More results

Similar Description - EL1881C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1881 INTERSIL-EL1881 Datasheet
193Kb / 11P
   Sync Separator, Low Power
logo
Renesas Technology Corp
EL1881 RENESAS-EL1881 Datasheet
618Kb / 13P
   Sync Separator, Low Power
logo
Intersil Corporation
EL4511 INTERSIL-EL4511_10 Datasheet
645Kb / 24P
   Super Sync Separator
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
Intersil Corporation
EL4511 INTERSIL-EL4511 Datasheet
453Kb / 24P
   Super Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
logo
Renesas Technology Corp
EL4511 RENESAS-EL4511 Datasheet
964Kb / 24P
   Super Sync Separator
logo
Mitsumi Electronics, Co...
MM1067 MITSUMI-MM1067 Datasheet
92Kb / 3P
   No-adjustment Sync Separator Sync Detector
logo
National Semiconductor ...
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Rohm
BA7046F ROHM-BA7046F Datasheet
159Kb / 5P
   Sync. Separator With AFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com