Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4605 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC4605
Description  85V Half-Bridge MOSFET Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4605 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC4605 Datasheet HTML 4Page - Micrel Semiconductor MIC4605 Datasheet HTML 5Page - Micrel Semiconductor MIC4605 Datasheet HTML 6Page - Micrel Semiconductor MIC4605 Datasheet HTML 7Page - Micrel Semiconductor MIC4605 Datasheet HTML 8Page - Micrel Semiconductor MIC4605 Datasheet HTML 9Page - Micrel Semiconductor MIC4605 Datasheet HTML 10Page - Micrel Semiconductor MIC4605 Datasheet HTML 11Page - Micrel Semiconductor MIC4605 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Micrel, Inc.
MIC4605
November 11, 2013
8
Revision 1.0
Timing Diagrams (Continued)
When LI/HI input on conditions overlap, LO/HO output
states are dominated by the first output to be turned on.
That is, if LI goes high (on), while HO is high, HO stays
high until HI goes low at which point, after a delay of tHOOFF
and when HS < 2.2V, LO goes high with a delay of tLOON.
Should
HS
never
trip
the
aforementioned
internal
comparator reference (2.2V), a falling HI edge delayed by
250ns will set “HS latch” allowing LO to go high.
If HS falls very fast, LO will be held low by a 35ns delay
gated by HI going low.
Conversely, HI going high (on)
when LO is high has no effect on outputs until LI is pulled
low (off) and LO falls to < 1.9V. Delay from LI going low to
LO falling is tLOOFF and delay from LO < 1.9V to HO being
on is tHOON.
Figure 2. Separate Overlapping LI/HI Input Mode (MIC4605-1)


Similar Part No. - MIC4605

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4605 MICROCHIP-MIC4605 Datasheet
1Mb / 34P
   85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
Revision E December 2019
MIC4605-1YM MICROCHIP-MIC4605-1YM Datasheet
1Mb / 34P
   85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
Revision E December 2019
MIC4605-1YM-TR MICROCHIP-MIC4605-1YM-TR Datasheet
1Mb / 34P
   85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
Revision E December 2019
MIC4605-1YMT-T5 MICROCHIP-MIC4605-1YMT-T5 Datasheet
1Mb / 34P
   85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
Revision E December 2019
MIC4605-2YM-T5 MICROCHIP-MIC4605-2YM-T5 Datasheet
1Mb / 34P
   85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
Revision E December 2019
More results

Similar Description - MIC4605

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4604 MICREL-MIC4604 Datasheet
925Kb / 18P
   85V Half Bridge MOSFET Drivers with up to 16V Programmable Gate Drive
MIC4100 MICREL-MIC4100 Datasheet
796Kb / 18P
   100V Half Bridge MOSFET Drivers
logo
MIC GROUP RECTIFIERS
MIC4100 MIC-MIC4100_11 Datasheet
797Kb / 18P
   100V Half Bridge MOSFET Drivers
logo
Texas Instruments
LM25101A TI1-LM25101A_15 Datasheet
1Mb / 26P
[Old version datasheet]   Half-Bridge Gate Drivers
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
logo
Linear Integrated Syste...
LT1160 LINEAR-LT1160_1 Datasheet
229Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
logo
Linear Technology
LT1160 LINER-LT1160 Datasheet
347Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
logo
Maxim Integrated Produc...
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
MAX15018 MAXIM-MAX15018 Datasheet
305Kb / 14P
   125V/3A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 9/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com