Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9924-V-F3 Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS9924-V-F3
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9924-V-F3 Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS9924-V-F3 Datasheet HTML 4Page - California Eastern Labs PS9924-V-F3 Datasheet HTML 5Page - California Eastern Labs PS9924-V-F3 Datasheet HTML 6Page - California Eastern Labs PS9924-V-F3 Datasheet HTML 7Page - California Eastern Labs PS9924-V-F3 Datasheet HTML 8Page - California Eastern Labs PS9924-V-F3 Datasheet HTML 9Page - California Eastern Labs PS9924-V-F3 Datasheet HTML 10Page - California Eastern Labs PS9924-V-F3 Datasheet HTML 11Page - California Eastern Labs PS9924-V-F3 Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PS9924
Chapter Title
R08DS0059EJ0100 Rev.1.00
Page 8 of 14
Jun 28, 2013
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
0.5
0.4
0.3
0.2
0.1
0.0
Ambient Temperature TA (
°C)
25
0
25
50
100
75
50
125
0.5
0.4
0.3
0.2
0.1
0.0
Ambient Temperature TA (
°C)
25
0
25
50
100
75
50
125
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
5.0
4.0
3.0
2.0
1.0
0
VO = 0.8 V
25
0
25
50
100
75
50
125
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
100
75
50
25
0
VCC = 5.0 V,
IF = 10 mA,
RL = 350
Ω
PWD
tPLH
tPHL
Ambient Temperature TA (
°C)
25
0
25
50
100
75
50
125
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
100
75
50
25
0
VCC = 3.3 V,
IF = 10 mA,
RL = 350
Ω
PWD
tPLH
tPHL
Ambient Temperature TA (
°C)
25
0
25
50
100
75
50
125
IOL = 16 mA
IOL = 13 mA
IOL = 6 mA
IOL = 10 mA
VCC = 3.3 V,
IF = 10 mA
IOL = 16 mA
IOL = 13 mA
IOL = 6 mA
IOL = 10 mA
VCC = 5.5 V,
IF = 10 mA
VCC = 5.0 V
VCC = 3.3 V
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Remark The graphs indicate nominal characteristics.
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9924-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9924-V-F3 RENESAS-PS9924-V-F3 Datasheet
298Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
More results

Similar Description - PS9924-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9924 RENESAS-PS9924_15 Datasheet
298Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
PS9587 RENESAS-PS9587_15 Datasheet
312Kb / 20P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9817A-1 RENESAS-PS9817A-1_15 Datasheet
284Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9324L RENESAS-PS9324L_15 Datasheet
338Kb / 19P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9324L CEL-PS9324L Datasheet
719Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS9814 ETC-PS9814 Datasheet
110Kb / 3P
   NECs 10 Mbps HIGH CMR OPEN COLLECTOR OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9817A-1 CEL-PS9817A-1 Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9317L CEL-PS9317L Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com