Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29371-3.3BT Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC29371-3.3BT
Description  750mA Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29371-3.3BT Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC29371-3.3BT Datasheet HTML 3Page - Micrel Semiconductor MIC29371-3.3BT Datasheet HTML 4Page - Micrel Semiconductor MIC29371-3.3BT Datasheet HTML 5Page - Micrel Semiconductor MIC29371-3.3BT Datasheet HTML 6Page - Micrel Semiconductor MIC29371-3.3BT Datasheet HTML 7Page - Micrel Semiconductor MIC29371-3.3BT Datasheet HTML 8Page - Micrel Semiconductor MIC29371-3.3BT Datasheet HTML 9Page - Micrel Semiconductor MIC29371-3.3BT Datasheet HTML 10Page - Micrel Semiconductor MIC29371-3.3BT Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MIC2937A/29371/29372
Micrel, Inc.
May 2006
7
MIC2937A/29371/29372
0
25
50
75
100
125
-60 -30 0 30 60 90 120 150
TEMPERATURE (°C)
MIC29371/2 Shutdown Current
vs. Temperaure
VEN = 5V
VEN = 2V
-300
-150
0
150
300
-250
0
250
500
750
1000
-5
0
5
10
TIME (ms)
Load Transient
C
OUT = 10 µF
5mA
-200
-100
0
100
200
-250
0
250
500
750
1000
-5
0
5
10
TIME (ms)
Load Transeint
COUT = 100µF
5mA
0
10
20
30
40
50
-60 -30 0 30 60 90 120 150
TEMPERATURE (°C)
MIC29372/3 Adjust Pin
Current vs. Temperature
ILOAD = 1mA
-40
-20
0
20
40
4
6
8
10
-0.2 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
TIME (ms)
Line Transient
COUT = 10µF
IL = 5mA
-10
0
10
20
4
6
8
10
-0.2 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
TIME (ms)
Line Transient
COUT = 100µF
IL = 5mA
0.01
0.1
1
10
FREQUENCY (Hz)
Output Impedance
vs. Frequency
ILOAD = 10mA


Similar Part No. - MIC29371-3.3BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29371-3.3BT MICREL-MIC29371-3.3BT Datasheet
128Kb / 9P
   750mA Low-Dropout Voltage Regulator
MIC29371-3.3BT MICREL-MIC29371-3.3BT Datasheet
254Kb / 12P
   750mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC29371-3.3BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2937A MICREL-MIC2937A Datasheet
128Kb / 9P
   750mA Low-Dropout Voltage Regulator
MIC2937A MICREL-MIC2937A_06 Datasheet
254Kb / 12P
   750mA Low-Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
   750mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
logo
Linear Technology
LT3030 LINER-LT3030 Datasheet
584Kb / 20P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3030 LINER-LT3030_15 Datasheet
646Kb / 22P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com