Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5163 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5163
Description  Dual Regulator Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5163 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5163 Datasheet HTML 7Page - Micrel Semiconductor MIC5163 Datasheet HTML 8Page - Micrel Semiconductor MIC5163 Datasheet HTML 9Page - Micrel Semiconductor MIC5163 Datasheet HTML 10Page - Micrel Semiconductor MIC5163 Datasheet HTML 11Page - Micrel Semiconductor MIC5163 Datasheet HTML 12Page - Micrel Semiconductor MIC5163 Datasheet HTML 13Page - Micrel Semiconductor MIC5163 Datasheet HTML 14Page - Micrel Semiconductor MIC5163 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Micrel, Inc.
MIC5163
April 2009
11
M9999-042209-A
VDDQ
GND
VREF
120pF
Figure 5. VDDQ Divided Down to Provide VREF
VREF can also be manipulated for different applications.
A separate voltage source can be used to externally set
the reference point, bypassing the divider network. Also,
external resistors can be added from VREF-to-ground or
VREF-to-VDDQ to shift the reference point up or down.
VCC
VCC supplies the internal circuitry of the MIC5163 and
provides the drive voltage to enhance the external N-
Channel
MOSFETs.
A
small
1μF
capacitor
is
recommended for bypassing the VCC pin. The minimum
VCC voltage should be a gate-source voltage above VTT
without exceeding 6V. For example, on an DDR3
compliant terminator, VDDQ equals 1.5V and VTT equals
0.75V. If the N-Channel MOSFET selected requires a
gate source voltage of 2.5V, VCC should be a minimum
of 3.25V
Feedback and Compensation
The feedback provides the path for the error amplifier to
regulate VTT. An external resistor must be placed
between the feedback and VTT. This allows the error
amplifier to be correctly externally compensated. For
most applications, a 510Ω resistor is recommended. The
COMP pin on the MIC5163 is the output of the internal
error amplifier. By placing a capacitor and resistor
between the COMP pin and the feedback pin, this
coupled with the feedback resistor, places an external
pole and zero on the error amplifier. With a 510Ω
feedback resistor, a minimum 220pF capacitor is
recommended for a 3.5A peak termination circuit. An
increase in the load will require additional N-Channel
MOSFETs and/or increase in output capacitance may
require feedback and/or compensation capacitor values
to be changed to maintain stability. Feedback resistor
values should not exceed 10kΩ and compensation
capacitors should not be less than 40pF.
Enable
The MIC5163 features an active high enable input. In the
off mode state, leakage currents are reduced to
microamperes. The enable input has thresholds
compatible with TTL/CMOS for simple logic interfacing.
The enable pin can be tied directly to VDDQ or VCC for
functionality. Do not float the enable pin. Floating this pin
causes the enable to be in an indeterminate state.
Input Capacitance
Although the MIC5163 does not require an input
capacitor for stability, using one greatly improves device
performance. Due to the high-speed nature of the
MIC5163, low ESR capacitors such as Oscon and
ceramics are recommended for bypassing the input. The
recommended value of capacitance will depend greatly
on the proximity to the bulk capacitance. Although a
10μF ceramic capacitor will suffice for most applications,
input capacitance may need to be increased in cases
where the termination circuit is greater than 1-inch away
from the bulk capacitance.
Output Capacitance
Large, low ESR capacitors are recommended for the
output (VTT) of the MIC5163. Although low ESR
capacitors are not required for stability, they are
recommended to reduce the effects of high-speed
current transients on VTT. The change in voltage during
the transient condition will be the effect of the peak
current multiplied by the output capacitor’s ESR. For that
reason, Oscon type capacitors and ceramic are excellent
choices for this application. Oscon capacitors have
extremely low ESR and a large capacitance-to-size ratio.
Ceramic capacitors are also well suited to termination
due to their low ESR. These capacitors should have a
dielectric rating of X5R or X7R. Y5V and Z5U type
capacitors are not recommended, due to their poor
performance at high frequencies and over temperature.
The minimum recommended capacitance for a 3.5A
peak circuit is 100μF. Output capacitance can be
increased to achieve greater transient performance.
MOSFET Selection
The MIC5163 utilizes external N-Channel MOSFETs to
sink and source current. MOSFET selection will settle to
two main categories: size and gate threshold (VGS).
MOSFET Power Requirements
One of the most important factors is to determine the
amount of power the MOSFET is going to be required to
dissipate. Power dissipation in a DDR3 circuit will be
identical for both the high side and low side MOSFETs.
Since the supply voltage is divided by half to supply VTT,
both MOSFETs have the same voltage dropped across
them. They are also required to be able to sink and
source the same amount of current (for either all 0s or all
1s). This equates to each side being able to dissipate
the same amount of power. Power dissipation
calculation for the high-side MOSFET is as follows:


Similar Part No. - MIC5163

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5163YMM MICREL-MIC5163YMM Datasheet
452Kb / 15P
   Dual Regulator Controller for DDR3 GDDR3/4/5 Memory Termination
MIC5163 MICREL-MIC5163_09 Datasheet
452Kb / 15P
   Dual Regulator Controller for DDR3 GDDR3/4/5 Memory Termination
More results

Similar Description - MIC5163

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1052 AD-ADM1052 Datasheet
164Kb / 8P
   Precision Dual Voltage Regulator Controller
REV. A
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
logo
Analog Devices
ADM1052 AD-ADM1052_15 Datasheet
163Kb / 8P
   Precision Dual Voltage Regulator Controller
REV. A
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
LM2657 TI-LM2657_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2657 Dual Synchronous Buck Regulator Controller
LM2647 TI-LM2647_15 Datasheet
3Mb / 42P
[Old version datasheet]   LM2647 Dual Synchronous Buck Regulator Controller
logo
Microsemi Corporation
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
   Synchronous Buck Controller with Dual Linear Regulator Controllers
REV. 0
logo
Linear Technology
LTC1702A LINER-LTC1702A_15 Datasheet
422Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com