Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29204BN Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC29204BN
Description  400mA Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29204BN Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC29204BN Datasheet HTML 4Page - Micrel Semiconductor MIC29204BN Datasheet HTML 5Page - Micrel Semiconductor MIC29204BN Datasheet HTML 6Page - Micrel Semiconductor MIC29204BN Datasheet HTML 7Page - Micrel Semiconductor MIC29204BN Datasheet HTML 8Page - Micrel Semiconductor MIC29204BN Datasheet HTML 9Page - Micrel Semiconductor MIC29204BN Datasheet HTML 10Page - Micrel Semiconductor MIC29204BN Datasheet HTML 11Page - Micrel Semiconductor MIC29204BN Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MIC2920A/29201/29202/29204
Micrel, Inc.
February 2005
9
M9999-021505
SHUT-
DOWN
V
GND
4
7
8
OUT
+VIN
ADJUST
1
3
SHUTDOWN
INPUT
100pF
2N2222
1%
300kΩ
≥ 5.3V
1%
180kΩ
+
10µF
470 kΩ
HIGH = OFF
LOW = ON
LOW = 3.3V OUT
220kΩ
1%
V CC OUT
HIGH = 5V OUT
Automotive Applications
The MIC2920A is ideally suited for automotive applications
for a variety of reasons. It will operate over a wide range of
input voltages with very low dropout voltages (40mV at light
loads), and very low quiescent currents (100µAtypical).These
features are necessary for use in battery powered systems,
such as automobiles. It is a “bulletproof” device with the abil-
ity to survive both reverse battery (negative transients up to
20V below ground), and load dump (positive transients up to
60V) conditions.Awide operating temperature range with low
temperature coefficients is yet another reason to use these
versatile regulators in automotive designs.
tor from 1µF to 220µF only decreases the noise from 430µV
to 160µV
RMS for a 100kHz bandwidth at 5V output. Noise can
be reduced fourfold by a bypass capacitor across R
1, since it
reduces the high frequency gain from 4 to unity. Pick
or about 0.01µF. When doing this, the output capacitor must
be increased to 10µF to maintain stability. These changes re-
duce the output noise from 430µV to 100µV rms for a 100kHz
bandwidth at 5V output. With the bypass capacitor added,
noise no longer scales with output voltage so that improve-
ments are more dramatic at higher output voltages.
NOTE: PINS 2 AND 6 ARE LEFT OPEN
IN
OUT
GND ADJUST
E R R O R
5
3
4
1
8
SHUTDOWN
V
V
E R R O R
OUTPUT
SHUTDOWN
INPUT
IN
+V
100kΩ
OUT
V
1.2
26V
1
R
100
pF
10µF
2
R
1.23V
R E F
V
7
V OUT = VR E F x (1 +
)
1
R
2
R
O FF
ON
IN
OUT
GND
V
+V
IN
V
OUT
V
= 5V
10µF
+
Figure 2. MIC2920A-5.0 Fixed +5V Regulator
Figure 3. MIC29202/29204 Adjustable Regulator. Pinout is for
MIC29204.
Typical Applications
Figure 5. MIC29202/29204 5.0V or 3.3V Selectable Regulator
with Shutdown. Pinout is for MIC29204.
Figure 4. MIC29204 Wide Input Voltage Range Current Limiter
PIN 3 LOW= ENABLE OUTPUT. Q1 ON = 3.3V, Q1 OFF = 5.0V.
CBYPASS
1
2 πR1 • 200 Hz
=
IN
OUT
GND ADJUST
E R R O R
5
3
4
1
8
SD
V
+V
E R R O R
OUTPUT
SHUTDOWN
INPUT
IN
+V
OUT
*V
7
O F F
ON
IN
= V
* Minimum Input-Output Voltage ranges from 40mV to 400mV, depending on load current


Similar Part No. - MIC29204BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29204BN MICREL-MIC29204BN Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
MIC29204BN MICREL-MIC29204BN Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC29204BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
88Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com