Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A1682 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # Q65111A1682
Description  white SMT package, colored diffused silicone resin
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A1682 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button Q65111A1682 Datasheet HTML 6Page - OSRAM GmbH Q65111A1682 Datasheet HTML 7Page - OSRAM GmbH Q65111A1682 Datasheet HTML 8Page - OSRAM GmbH Q65111A1682 Datasheet HTML 9Page - OSRAM GmbH Q65111A1682 Datasheet HTML 10Page - OSRAM GmbH Q65111A1682 Datasheet HTML 11Page - OSRAM GmbH Q65111A1682 Datasheet HTML 12Page - OSRAM GmbH Q65111A1682 Datasheet HTML 13Page - OSRAM GmbH Q65111A1682 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2012-10-17
10
Version 2.0 - OS-PCN-2012-038-A
LCW JNSH.EC
Relative Spectral Emission - V(λ) = Standard eye response curve 6) page 23 , 1) page 23
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 6) Seite 23 , 1) Seite 23
Irel = f (λ); TS = 25 °C; IF = 20 mA
Radiation Characteristics 6) page 23
Abstrahlcharakteristik 6) Seite 23
Irel = f (ϕ); TS = 25 °C
400
450
500
550
600
650
700
750
800
λ [nm]
4000K
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0
Ιe rel
: Vλ
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0° 10° 20° 30° 40° 50° 60° 70° 80° 90° 100°
ϕ[°]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0 Ιv rel


Similar Part No. - Q65111A1682

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A1682 OSRAM-Q65111A1682 Datasheet
1Mb / 25P
   LCW JNSH.EC
More results

Similar Description - Q65111A1682

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWPSLM31.CM OSRAM-GWPSLM31.CM Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWPSLR31.EM OSRAM-GWPSLR31.EM Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GWSBLMA3.EM OSRAM-GWSBLMA3.EM Datasheet
847Kb / 24P
   white SMT package, colored diffused silicone resin
LCWJDSH.EC OSRAM-LCWJDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWJDSLS1.EC OSRAM-GWJDSLS1.EC Datasheet
375Kb / 25P
   white smt package, colored diffused silicone resin
GD-PSLR31.13 OSRAM-GD-PSLR31.13 Datasheet
1Mb / 21P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
   white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
   white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
   white SMT package, colored diffused silicone resin
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
   white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com