Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5528 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5528
Description  High-Performance 500mA LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5528 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5528 Datasheet HTML 4Page - Micrel Semiconductor MIC5528 Datasheet HTML 5Page - Micrel Semiconductor MIC5528 Datasheet HTML 6Page - Micrel Semiconductor MIC5528 Datasheet HTML 7Page - Micrel Semiconductor MIC5528 Datasheet HTML 8Page - Micrel Semiconductor MIC5528 Datasheet HTML 9Page - Micrel Semiconductor MIC5528 Datasheet HTML 10Page - Micrel Semiconductor MIC5528 Datasheet HTML 11Page - Micrel Semiconductor MIC5528 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Micrel, Inc.
MIC5528
Application Information
The MIC5528 is a high-performance, low-power 500mA
LDO. The MIC5528 includes an auto-discharge circuit
that is switched on when the regulator is disabled through
the enable pin. The MIC5528 also offers an internal
pulldown resistor on the enable pin to ensure the output
is disabled if the control signal is tri-stated. The MIC5528
regulator is fully protected from damage due to fault
conditions, offering linear current limiting and thermal
shutdown.
Input Capacitor
The MIC5528 is a high-performance, high-bandwidth
device. An input capacitor of 2.2µF is required from the
input to ground to provide stability. Low-ESR ceramic
capacitors provide optimal performance at a minimum of
space. Additional high-frequency capacitors, such as
small-valued NPO dielectric-type capacitors, help filter
out high-frequency noise and are good practice in any
RF-based
circuit.
X5R
or
X7R
dielectrics
are
recommended for the input capacitor. Y5V dielectrics
lose most of their capacitance over temperature and are
therefore, not recommended.
Output Capacitor
The MIC5528 requires an output capacitor of 2.2µF or
greater to maintain stability. The design is optimized for
use with low-ESR ceramic chip capacitors. High-ESR
capacitors are not recommended because they may
cause high-frequency oscillation. The output capacitor
can be increased, but performance has been optimized
for a 2.2µF ceramic output capacitor and does not
improve significantly with larger capacitance.
X7R/X5R
dielectric-type
ceramic
capacitors
are
recommended
because
of
their
temperature
performance. X7R-type capacitors change capacitance
by 15% over their operating temperature range and are
the most stable type of ceramic capacitors. Z5U and Y5V
dielectric capacitors change value by as much as 50%
and 60%, respectively, over their operating temperature
ranges. To use a ceramic chip capacitor with Y5V
dielectric, the value must be much higher than an X7R
ceramic
capacitor
to
ensure
the
same
minimum
capacitance over the equivalent operating temperature
range.
No-Load Stability
Unlike many other voltage regulators, the MIC5528
remains stable and in regulation with no load. This is
especially
important
in
CMOS
RAM
keep-alive
applications.
Enable/Shutdown
The MIC5528 comes with an active-high enable pin that
allows the regulator to be disabled. Forcing the enable
pin low disables the regulator and sends it into an off
mode current state drawing virtually zero current. When
disabled the MIC5528 switches an internal 25Ω load on
the regulator output to discharge the external capacitor.
Forcing the enable pin high enables the output voltage.
The MIC5528 has an internal pull down resistor on the
enable pin to disable the output when the enable pin is
floating.
Thermal Considerations
The
MIC5528
is
designed
to
provide
500mA
of
continuous current in a very small package. Maximum
ambient operating temperature can be calculated based
on the output current and the voltage drop across the
part. For example if the input voltage is 3.6V, the output
voltage is 3.3V, and the output current = 500mA. The
actual power dissipation of the regulator circuit can be
determined using Equation 1:
PD = (VIN − VOUT)IOUT + VIN IGND
Eq. 1
Because this device is CMOS and the ground current is
typically <100µA over the load range, the power
dissipation contributed by the ground current is <1% and
can be ignored Equation 2:
(
)
W
150
.
0
P
mA
500
V
3
.
3
V
6
.
3
P
D
D
=
×
=
Eq. 2
To
determine
the
maximum
ambient
operating
temperature of the package, use the junction-to-ambient
thermal resistance of the device Equation 3:


θ
=
JA
A
)
MAX
(
J
)
MAX
(
D
T
T
P
Eq. 3
TJ(MAX) = 125°C, the maximum junction temperature of the
die, θ
JA thermal resistance = 173°C/W for the XTDFN
package.
May 5, 2014
8
Revision 1.1


Similar Part No. - MIC5528

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5524 MICREL-MIC5524 Datasheet
612Kb / 13P
   High-Performance 500mA LDO
MIC5524-1.2YMT MICREL-MIC5524-1.2YMT Datasheet
612Kb / 13P
   High-Performance 500mA LDO
MIC5524-1.8YMT MICREL-MIC5524-1.8YMT Datasheet
612Kb / 13P
   High-Performance 500mA LDO
MIC5524-2.8YMT MICREL-MIC5524-2.8YMT Datasheet
612Kb / 13P
   High-Performance 500mA LDO
MIC5524-3.0YMT MICREL-MIC5524-3.0YMT Datasheet
612Kb / 13P
   High-Performance 500mA LDO
More results

Similar Description - MIC5528

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80505IRAJZ INTERSIL-ISL80505IRAJZ Datasheet
711Kb / 14P
   High Performance 500mA LDO
September 8, 2015
logo
Renesas Technology Corp
ISL80505 RENESAS-ISL80505 Datasheet
961Kb / 13P
   High Performance 500mA LDO
logo
Micrel Semiconductor
MIC5524 MICREL-MIC5524 Datasheet
612Kb / 13P
   High-Performance 500mA LDO
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
   High PSRR 500mA LDO Regulator
logo
Unisonic Technologies
L1923 UTC-L1923 Datasheet
198Kb / 7P
   500mA HIGH PSRR LDO REGULATORS
L1923 UTC-L1923_11 Datasheet
216Kb / 7P
   500mA HIGH PSRR LDO REGULATORS
logo
Diodes Incorporated
AP7217 DIODES-AP7217_10 Datasheet
234Kb / 10P
   500mA CMOS LDO
DS31292 Rev. 4 - 2
logo
Holtek Semiconductor In...
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
STMicroelectronics
ST1534A STMICROELECTRONICS-ST1534A Datasheet
552Kb / 15P
   500mA SMART LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com