Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23451-AAAYFL Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC23451-AAAYFL
Description  3MHz, 2A Triple Synchronous Buck Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23451-AAAYFL Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC23451-AAAYFL Datasheet HTML 1Page - Micrel Semiconductor MIC23451-AAAYFL Datasheet HTML 2Page - Micrel Semiconductor MIC23451-AAAYFL Datasheet HTML 3Page - Micrel Semiconductor MIC23451-AAAYFL Datasheet HTML 4Page - Micrel Semiconductor MIC23451-AAAYFL Datasheet HTML 5Page - Micrel Semiconductor MIC23451-AAAYFL Datasheet HTML 6Page - Micrel Semiconductor MIC23451-AAAYFL Datasheet HTML 7Page - Micrel Semiconductor MIC23451-AAAYFL Datasheet HTML 8Page - Micrel Semiconductor MIC23451-AAAYFL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Micrel, Inc.
MIC23451
November 5, 2013
4
Revision 1.2
Electrical Characteristics(4) (Continued)
TA = +25°C; VIN = VEN1, VEN2, VEN3 = 3.6V; L1 = L2 = L3 = 1µH; COUT1, COUT2, COUT3 = 4.7µF, unless otherwise specified.
Bold values indicate –40°C ≤ TJ ≤ +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Enable Threshold
Turn-On
0.5
0.9
1.2
V
Enable Input Current
0.1
1
µA
Overtemperature Shutdown
160
°C
Overtemperature Shutdown
Hysteresis
20
°C


Similar Part No. - MIC23451-AAAYFL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MIC23451-AAAYFL-EV APEX-MIC23451-AAAYFL-EV Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
logo
Microchip Technology
MIC23451-AAAYFL-T5 MICROCHIP-MIC23451-AAAYFL-T5 Datasheet
3Mb / 28P
   3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
MIC23451-AAAYFL-TR MICROCHIP-MIC23451-AAAYFL-TR Datasheet
3Mb / 28P
   3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
More results

Similar Description - MIC23451-AAAYFL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV6334B ONSEMI-NCV6334B Datasheet
251Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCP6334B ONSEMI-NCP6334B Datasheet
253Kb / 14P
   3MHz, 2A Synchronous Buck Converter
May, 2012 ??Rev. 2
NCP6334B-V3 ONSEMI-NCP6334B-V3 Datasheet
256Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCP6324 ONSEMI-NCP6324 Datasheet
269Kb / 14P
   3MHz, 2A Synchronous Buck Converter
October, 2015 ??Rev. 3
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
SHANGHAI BELLING CO., L...
BL8076 BELLING-BL8076 Datasheet
686Kb / 7P
   2A 3MHz 6V Synchronous Buck Converter
BL8076 BELLING-BL8076_16 Datasheet
948Kb / 7P
   2A 3MHz 6V Synchronous Buck Converter
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354_11 Datasheet
1Mb / 14P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354 Datasheet
785Kb / 14P
   3MHz, 3A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com