Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5514-3.3YMT Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5514-3.3YMT
Description  Single 300mA LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5514-3.3YMT Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5514-3.3YMT Datasheet HTML 4Page - Micrel Semiconductor MIC5514-3.3YMT Datasheet HTML 5Page - Micrel Semiconductor MIC5514-3.3YMT Datasheet HTML 6Page - Micrel Semiconductor MIC5514-3.3YMT Datasheet HTML 7Page - Micrel Semiconductor MIC5514-3.3YMT Datasheet HTML 8Page - Micrel Semiconductor MIC5514-3.3YMT Datasheet HTML 9Page - Micrel Semiconductor MIC5514-3.3YMT Datasheet HTML 10Page - Micrel Semiconductor MIC5514-3.3YMT Datasheet HTML 11Page - Micrel Semiconductor MIC5514-3.3YMT Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Micrel, Inc.
MIC5512/14
April 8, 2013
9
Revision 1.1
For example, when operating the MIC5512-MYMT at an
input voltage of 3.6V and 300mA load with a minimum
footprint
layout,
the
maximum
ambient
operating
temperature TA can be determined as in Equation 4:
0.240W = (125°C – TA)/(92.4°C/W)
TA = 102.8°C
Eq. 4
Therefore, the maximum ambient operating temperature
allowed in a 1.6mm × 1.6mm DFN package is 102.8°C.
For a full discussion of heat sinking and thermal effects
on voltage regulators, refer to the “Regulator Thermals”
section of Micrel’s Designing with Low-Dropout Voltage
Regulators handbook. This information can be found on
Micrel's website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf


Similar Part No. - MIC5514-3.3YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5501 MICREL-MIC5501 Datasheet
65Kb / 2P
   Single 300mA LDO
logo
Microchip Technology
MIC5501 MICROCHIP-MIC5501 Datasheet
1Mb / 22P
   300 mA Single Output LDO in Small Packages
05/14/19
logo
Micrel Semiconductor
MIC5501-1.2YMT MICREL-MIC5501-1.2YMT Datasheet
65Kb / 2P
   Single 300mA LDO
MIC5501-1.8YMT MICREL-MIC5501-1.8YMT Datasheet
65Kb / 2P
   Single 300mA LDO
logo
Microchip Technology
MIC5501-1.8YMT-T5 MICROCHIP-MIC5501-1.8YMT-T5 Datasheet
1Mb / 22P
   300 mA Single Output LDO in Small Packages
05/14/19
More results

Similar Description - MIC5514-3.3YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5501 MICREL-MIC5501 Datasheet
65Kb / 2P
   Single 300mA LDO
logo
Mitsumi Electronics, Co...
MM189X MITSUMI-MM189X Datasheet
124Kb / 11P
   300mA LDO
MM3571 MITSUMI-MM3571 Datasheet
259Kb / 22P
   300mA LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2830 ETC-CM2830 Datasheet
526Kb / 15P
   300mA CMOS LDO
logo
Microchip Technology
TC1108 MICROCHIP-TC1108 Datasheet
430Kb / 12P
   300mA CMOS LDO
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com