Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2003C Datasheet(PDF) 10 Page - Elantec Semiconductor

Part # EL2003C
Description  100MHz Video Line Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2003C Datasheet(HTML) 10 Page - Elantec Semiconductor

Back Button EL2003C Datasheet HTML 6Page - Elantec Semiconductor EL2003C Datasheet HTML 7Page - Elantec Semiconductor EL2003C Datasheet HTML 8Page - Elantec Semiconductor EL2003C Datasheet HTML 9Page - Elantec Semiconductor EL2003C Datasheet HTML 10Page - Elantec Semiconductor EL2003C Datasheet HTML 11Page - Elantec Semiconductor EL2003C Datasheet HTML 12Page - Elantec Semiconductor EL2003C Datasheet HTML 13Page - Elantec Semiconductor EL2003C Datasheet HTML 14Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
EL2003C, EL2033C
100MHz Video Line Driver
Driving Cables
There are at least three ways to use the EL2003C and
EL2033C to drive cables, as shown in the adjacent fig-
ure. The most obvious is to directly connect the cable to
the output of the buffer. This results in a gain determined
by the output resistance of the EL2003C or EL2033C
and the characteristic impedance of the cable, assuming
it is properly terminated. For RG-58 into 50
Ω the gain is
about -1dB, exclusive of cable losses. For optimum
response and minimum reflections it is important for the
cable to be properly terminated.
Double termination of a cable is the cleanest way to
drive it since reflections are absorbed on both ends of the
cable. The cable source resistor is equal to the character-
istic impedance of the cable less the output resistance of
the EL2003C and EL2033C. The gain is -6dB exclusive
of the cable attenuation.
Back matching is the last and most interesting way to
drive a cable. The cable source resistor is again the char-
acteristic impedance less the output resistance of the
EL2003C and EL2033C; the termination resistance is
now much greater than the cable impedance. The gain is
0dB and DC levels waste no power.
An additional EL2003C or EL2033C make a good
receiver at the terminating end. Because an unterminated
cable looks like a resonant circuit, the receiving
EL2003C or EL2033C should have an isolating resistor
in series with its input to prevent oscillations when the
cable is not connected to the driver. Of course if the
cable is always connected to the back match, no resistor
is necessary.
WARNING: ONE END OF A CABLE MUST BE
PROPERLY TERMINATED. If neither end is termi-
nated in the cable characteristic impedance, the cable
will have standing waves that appear as resonances in
the frequency response. The resonant frequencies are a
function of the cable length and even relatively short
cables can cause problems at frequencies as low as
1MHz. Longer cables should be terminated on both
ends.
Op Amp Booster
The EL2003C or EL2033C can boost the output drive of
almost any monolithic op amp. Because the phase shift
in the EL2003C and EL2033C is low at the op amp's
unity gain frequency, no additional compensation is
required. By following an op amp with an EL2003C or
EL2033C, the buffered op amp can drive cables and
other low impedance loads directly. Even decompen-
sated high speed op amps can take advantage of the
EL2003C’s or EL2033C’s 100mA drive.
Driving capacitive loads with any closed loop amplifier
creates special problems. The open loop output imped-
ance works into the load capacitance to generate phase
lag which can make the loop unstable. The output
Direct Drive
Double Matched
Back Matched
Op Amp Booster


Similar Part No. - EL2003C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2003CM INTERSIL-EL2003CM Datasheet
371Kb / 12P
   100MHz Video Line Driver
EL2003CN INTERSIL-EL2003CN Datasheet
371Kb / 12P
   100MHz Video Line Driver
More results

Similar Description - EL2003C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2003 INTERSIL-EL2003 Datasheet
371Kb / 12P
   100MHz Video Line Driver
logo
TOKO, Inc
TK15408 TOKO-TK15408 Datasheet
62Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15406 TOKO-TK15406 Datasheet
51Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15412 TOKO-TK15412 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15414 TOKO-TK15414 Datasheet
70Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15415 TOKO-TK15415 Datasheet
69Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
   75 OHM VIDEO LINE DRIVER
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15420 TOKO-TK15420 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
TK15421 TOKO-TK15421 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com