Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24085 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC24085
Description  Integrated FET Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC24085 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC24085 Datasheet HTML 4Page - Micrel Semiconductor MIC24085 Datasheet HTML 5Page - Micrel Semiconductor MIC24085 Datasheet HTML 6Page - Micrel Semiconductor MIC24085 Datasheet HTML 7Page - Micrel Semiconductor MIC24085 Datasheet HTML 8Page - Micrel Semiconductor MIC24085 Datasheet HTML 9Page - Micrel Semiconductor MIC24085 Datasheet HTML 10Page - Micrel Semiconductor MIC24085 Datasheet HTML 11Page - Micrel Semiconductor MIC24085 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Micrel, Inc.
MIC24085
October 22, 2013
8
Revision 1.1
Functional Diagram


Similar Part No. - MIC24085

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC24045 MICROCHIP-MIC24045 Datasheet
979Kb / 46P
   I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
07/14/15
MIC24045-2ZYFL MICROCHIP-MIC24045-2ZYFL Datasheet
979Kb / 46P
   I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
07/14/15
logo
Micrel Semiconductor
MIC24046 MICREL-MIC24046 Datasheet
2Mb / 27P
   Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
logo
Microchip Technology
MIC24046 MICROCHIP-MIC24046 Datasheet
4Mb / 38P
   Pin-Programmable, 19V Input, 5A Step-Down Converter
Revision A (May 2022)
logo
Micrel Semiconductor
MIC24046-H MICREL-MIC24046-H Datasheet
1Mb / 24P
   Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
More results

Similar Description - MIC24085

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9G341AEFJ-LB ROHM-BD9G341AEFJ-LB Datasheet
2Mb / 30P
   1ch Buck Converter Integrated FET
BD9325FJ-LB ROHM-BD9325FJ-LB Datasheet
1Mb / 23P
   Buck Converter with Integrated FET
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
   Synchronous Buck Converter Integrated FET
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter Integrated FET
BD9227F ROHM-BD9227F Datasheet
1Mb / 29P
   PWM Buck Converter Integrated FET
BD9328EFJ-LB ROHM-BD9328EFJ-LB Datasheet
1Mb / 22P
   Synchronous Buck Converter Integrated FET
BD9106FVM ROHM-BD9106FVM_12 Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB_15 Datasheet
1Mb / 22P
   Synchronous Buck Converter integrated FET
BD9325FJ ROHM-BD9325FJ_14 Datasheet
1Mb / 23P
   Buck Converter with Integrated FET
BD89630EFJ ROHM-BD89630EFJ_12 Datasheet
630Kb / 25P
   Synchronous Buck Converter integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com