Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC28304-1YMP Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC28304-1YMP
Description  70V 3A Power Module
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304-1YMP Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC28304-1YMP Datasheet HTML 4Page - Micrel Semiconductor MIC28304-1YMP Datasheet HTML 5Page - Micrel Semiconductor MIC28304-1YMP Datasheet HTML 6Page - Micrel Semiconductor MIC28304-1YMP Datasheet HTML 7Page - Micrel Semiconductor MIC28304-1YMP Datasheet HTML 8Page - Micrel Semiconductor MIC28304-1YMP Datasheet HTML 9Page - Micrel Semiconductor MIC28304-1YMP Datasheet HTML 10Page - Micrel Semiconductor MIC28304-1YMP Datasheet HTML 11Page - Micrel Semiconductor MIC28304-1YMP Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Micrel, Inc.
MIC28304
Typical Characteristics
0.00
0.40
0.80
1.20
1.60
2.00
5 10 15 20 25 30 35 40 45 50 55 60 65 70
INPUT VOLTAGE (V)
VIN Operating Supply Current
vs. Input Voltage (MIC28304-1)
V
OUT = 5V
I
OUT = 0A
F
SW = 600kHz
-1.0%
0.0%
1.0%
2.0%
3.0%
4.0%
5.0%
7 12 17 22 27 32 37 42 47 52 57 62 67
INPUT VOLTAGE (V)
Output Regulation
vs. Input Voltage (MIC28304-1)
V
OUT = 5.0V
I
OUT = 0A to 3A
FSW = 600kHz
0.792
0.797
0.802
0.807
0.812
0.817
5 10 15 20 25 30 35 40 45 50 55 60 65 70
INPUT VOLTAGE (V)
Feedback Voltage
vs. Input Voltage (MIC28304-1)
V
OUT = 5.0V
I
OUT = 0A
FSW = 600kHz
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5 10 15 20 25 30 35 40 45 50 55 60 65 70
INPUT VOLTAGE (V)
Output Voltage
vs. Input Voltage (MIC28304-1)
V
OUT = 5V
I
OUT = 0A
FSW = 600kHz
0.00
0.40
0.80
1.20
1.60
2.00
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
VIN Operating Supply Current
vs. Temperature (MIC28304-1)
VIN = 12V
V
OUT = 5.0V
I
OUT = 0A
F
SW = 600kHz
0.792
0.796
0.800
0.804
0.808
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
Feedback Voltage
vs. Temperature (MIC28304-1)
VIN= 12V
V
OUT = 5.0V
I
OUT = 0A
FSW = 600kHz
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
1.2%
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
Load Regulation
vs. Temperature (MIC28304-1)
VIN = 12V
V
OUT = 5.0V
I
OUT = 0A to 3A
FSW = 600kHz
-0.6%
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
0.1%
0.2%
0.3%
0.4%
0.5%
0.6%
0.7%
0.8%
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
Line Regulation
vs. Temperature (MIC28304-1)
VIN = 7V to 70V
V
OUT = 5.0V
I
OUT = 0A
FSW = 600kHz
-0.6%
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
0.1%
0.2%
0.3%
0.4%
0.5%
0.6%
0.7%
0.8%
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
Line Regulation
vs. Temperature (MIC28304-1)
VIN = 7V to 70V
V
OUT = 5.0V
I
OUT = 3A
FSW = 600kHz
March 25, 2014
8
Revision 1.1


Similar Part No. - MIC28304-1YMP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC28303 MICROCHIP-MIC28303 Datasheet
1Mb / 38P
   50V, 3A Power Module
07/14/15
logo
Micrel Semiconductor
MIC28303-1 MICREL-MIC28303-1 Datasheet
2Mb / 33P
   50V 3A Power Module
MIC28303-1YMP MICREL-MIC28303-1YMP Datasheet
2Mb / 33P
   50V 3A Power Module
logo
Microchip Technology
MIC28303-1YMP MICROCHIP-MIC28303-1YMP Datasheet
1Mb / 38P
   50V, 3A Power Module
07/14/15
logo
Micrel Semiconductor
MIC28303-2YMP MICREL-MIC28303-2YMP Datasheet
2Mb / 33P
   50V 3A Power Module
More results

Similar Description - MIC28304-1YMP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC28303 MICROCHIP-MIC28303 Datasheet
1Mb / 38P
   50V, 3A Power Module
07/14/15
logo
Micrel Semiconductor
MIC28303-1 MICREL-MIC28303-1 Datasheet
2Mb / 33P
   50V 3A Power Module
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
logo
Monolithic Power System...
MPM3530 MPS-MPM3530 Datasheet
1Mb / 20P
   55V, 3A, Step-Down Power Module
logo
Diodes Incorporated
DXTN26070CY DIODES-DXTN26070CY_15 Datasheet
254Kb / 7P
   70V NPN POWER SWITCHING TRANSISTOR IN SOT89
logo
OptoSupply Internationa...
OS4W7NE1E1EVER.1 OPTOSUPPLY-OS4W7NE1E1EVER.1 Datasheet
144Kb / 2P
   Xeon Power Pure White LED 1W 70V
OS5M7NE1E1EVER.1 OPTOSUPPLY-OS5M7NE1E1EVER.1 Datasheet
144Kb / 2P
   Xeon Power Pure White LED 1W 70V
logo
Diodes Incorporated
DXTN26070CY DIODES-DXTN26070CY Datasheet
249Kb / 7P
   70V NPN POWER SWITCHING TRANSISTOR IN SOT89
FZT792A DIODES-FZT792A_15 Datasheet
682Kb / 7P
   70V PNP MEDIUM POWER TRANSISTOR IN SOT223
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com