Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QST3 Datasheet(PDF) 3 Page - Rohm

Part # QST3
Description  PNP -5A -30V Middle Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QST3 Datasheet(HTML) 3 Page - Rohm

  QST3 Datasheet HTML 1Page - Rohm QST3 Datasheet HTML 2Page - Rohm QST3 Datasheet HTML 3Page - Rohm QST3 Datasheet HTML 4Page - Rohm QST3 Datasheet HTML 5Page - Rohm QST3 Datasheet HTML 6Page - Rohm QST3 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
QST3
lElectrical characteristic curves(Ta = 25°C)
-0
-0.5
-1
-1.5
-2
-0
-1
-2
-3
-4mA
-5mA
-8mA
-10mA
-7mA
-6mA
-9mA
I
B= -1mA
-3mA
-2mA
Ta=25ºC
Pulsed
10
100
1000
-0.001
-0.01
-0.1
-1
-10
V
CE= -5V
-2V
-1V
Ta=25ºC
Pulsed
Fig.1 Ground Emitter Propagation Characteristics
BASE TO EMITTER VOLTAGE : V
BE [V]
Fig.2 Typical Output Characteristics
COLECTOR TO EMITTE VOLTAGE : V
CE [V]
Fig.3 DC Current Gain vs. Collector Current(I)
COLLECTOR CURRENT : I
C [A]
Fig.4 DC Current Gain vs. Collector Current(II)
COLLECTOR CURRENT : I
C [A]
3/6
2013.05 - Rev.C


Similar Part No. - QST3

ManufacturerPart #DatasheetDescription
logo
Rohm
QST3 ROHM-QST3 Datasheet
67Kb / 3P
   General purpose amplification (−30V, −5A)
More results

Similar Description - QST3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR542PFRA ROHM-2SAR542PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (-30V / -5A)
2SAR512R ROHM-2SAR512R Datasheet
1Mb / 10P
   PNP -2.0A -30V Middle Power Transistor
2SAR542F3TR ROHM-2SAR542F3TR Datasheet
722Kb / 7P
   PNP -3.0A -30V Middle Power Transistor
2SAR512RHZG ROHM-2SAR512RHZG Datasheet
1Mb / 9P
   PNP -2.0A -30V Middle Power Transistor
20190325 - Rev.001
2SAR293P ROHM-2SAR293P_13 Datasheet
428Kb / 8P
   PNP -1.0A -30V Middle Power Transistor
2SAR562F3 ROHM-2SAR562F3 Datasheet
365Kb / 8P
   PNP -6A -30V Middle Power Transistor
2SAR542P ROHM-2SAR542P Datasheet
769Kb / 8P
   PNP -5.0A -30V Middle Power Transistor
2SAR572D ROHM-2SAR572D Datasheet
808Kb / 7P
   PNP -5.0A -30V Middle Power Transistor
2SAR512P ROHM-2SAR512P Datasheet
439Kb / 8P
   PNP -2.0A -30V Middle Power Transistor
2SAR542F3 ROHM-2SAR542F3 Datasheet
1Mb / 10P
   PNP -3.0A -30V Middle Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com