Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP90N03VHG Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NP90N03VHG
Description  Product Scout Automotive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP90N03VHG Datasheet(HTML) 3 Page - Renesas Technology Corp

  NP90N03VHG Datasheet HTML 1Page - Renesas Technology Corp NP90N03VHG Datasheet HTML 2Page - Renesas Technology Corp NP90N03VHG Datasheet HTML 3Page - Renesas Technology Corp NP90N03VHG Datasheet HTML 4Page - Renesas Technology Corp NP90N03VHG Datasheet HTML 5Page - Renesas Technology Corp NP90N03VHG Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Intelligent Power Devices
General Information
Edition March 2012
www.renesas.eu
6.5
±0.2
2.3
±0.1
0.5
±0.1
0.76
±0.12
0 to 0.25
0.5
±0.1
1.0
No Plating
No Plating
5.1 TYP.
4.3 MIN.
1
4
2
3
1.14 MAX.
2.3
2.3
1.13
10.0 ±0.2
10.0 ±0.2
1.27 TYP.
0.6 ± 0.15
4.45 ±0.2
1.3 ±0.2
2
.
0
±
5
.
0
˚
8
o
t
0
8.4 TYP.
0.025 to
0.25
0.25
1 2 3 4 5 6 7
8
1st Generation
UPD166009
TO-252-5p
1
N
6.0 - 18.0
10
10000
autorestart
latch
current
UPD166010
TO-252-5p
UPD166020
TO-252-5p
UPD166021
TO-252-5p
latch
UPD166017
TO-252-5p
6
18800
autorestart
UPD166019
TO-252-5p
P
19
-
n/a
voltage (12.0 V)
2nd Generation:
NHS010A
TO-252-7p
1
N
4.5 - 28.0
10
7500
autorestart
latch and current/power
limitation
voltage (3.3 V - 5.0 V)
NHS012A
TO-252-7p
12
6250
NHS012B
MO-226B-12p
NHD012C
HSSOP-24
2
NHS016B
MO-226B-12p
1
16
5800
NHD016C
HSSOP-24
2
NHS025B
MO-226B-12p
1
25
5000
NHD025B
MO-226B-12p
2
NHS050D
MO-272-12p
1
50
3400
NHD050B
MO-226B-12p
2
NHQ050C
HSSOP-24
4
NHS090D
MO-272-12p
1
90
1400
NHD090B
MO-226B-12p
2
NHD090D
MO-272-12p
NHQ090C
HSSOP-24
4
Part numbering system for NP-Series PowerMOSFETs
Part numbering system of 2nd generation Intelligent Power Devices
NP 110 N 055 P U K
PowerMOSFET
I
D(DC)
Polarity
N: N-ch.
P: P-ch.
Package Code
K: TO-263ZK JEDEC
M: TO-220M JEDEC
N: TO-262N JEDEC
P: TO-263ZP
S: TO-252ZK JEDEC
T: TO-263-7p
V: TO-252ZP
Y: HSON-8
Z: wafer
Drive Type
D: logic, no G-S protection diode
H: non-logic, G-S protection diode
L: logic, G-S protection diode
U: non-logic, no G-S protection diode
Process
E: UMOS-2
F: UMOS-3
G: UMOS-4
H: UMOS-2R
J: SJ1
K: ANL2
V
DSS
N HD 025 B
Junction
N: N-ch.
P: P-ch.
RDS(on)
Package Code
A: TO-252-7
B: HSSOP-12
C: HSSOP-12
D: HSOP-12
Switch Type
HS: high-side single
HD: high-side dual
HQ: high-side quad
Package Drawings
1
2
3
4
10.0 ± 0.2
3.8 ± 0.2
2.5 ± 0.2
0.5 ± 0.2
2.54 TYP
4.45 ± 0.2
1.3 ± 0.2
1.27 ± 0.2
0.8 ± 0.1
2.54 TYP
6.5
±0.2
2.3
±0.1
0.5
±0.1
0.6
±0.1
5
.
0 ± 1
.
0
1
2
3
4
5
6
NOTE
1.
No Plating area
5.0 TYP
4.3 MIN
1.14
1.14
0.508
0 to 0.25
6.5 ± 0.2
2.3 ± 0.1
0.5 ± 0.1
0.76 ± 0.12
0 to 0.25
0.5 ± 0.1
1.0
No Plating
No Plating
5.1 TYP.
4.3 MIN.
1
4
2
3
1.14 MAX.
2.3
2.3
Automotive Body Solutions
High-side drivers designed for car lighting, fitting all types of grounded load
Overcurrent and overtemperature protected
Notes:
All devices are qualified according to AEC-Q100 and AEC-Q100-012 flow.
All devices are RoHS compliant.
TO-220M
TO-252-5p
TO-252ZK
TO-252ZP
TO-262N
TO-263-7p
TO-263ZK
TO-263ZP
MO-226B-12p
HSON-8
HSSOP-24


Similar Part No. - NP90N03VHG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP90N03VHG RENESAS-NP90N03VHG Datasheet
227Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
NP90N03VHG VBSEMI-NP90N03VHG Datasheet
1,002Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Renesas Technology Corp
NP90N03VHG-E1-AY RENESAS-NP90N03VHG-E1-AY Datasheet
227Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
NP90N03VHG-E1-AY VBSEMI-NP90N03VHG-E1-AY Datasheet
1,002Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Renesas Technology Corp
NP90N03VHG-E2-AY RENESAS-NP90N03VHG-E2-AY Datasheet
227Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - NP90N03VHG

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8024 SONARDYNE-8024 Datasheet
135Kb / 2P
   Scout USBL Transceiver
logo
List of Unclassifed Man...
IN5240 ETC2-IN5240 Datasheet
1Mb / 8P
   Shock absorber INDIAN Scout
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
   Automotive XA Product Family
logo
AVX Corporation
F93-AJ6 AVX-F93-AJ6 Datasheet
241Kb / 5P
   Resin-Molded Chip - Automotive Product Range
F93-AJ6 AVX-F93-AJ6_15 Datasheet
206Kb / 4P
   Resin-Molded Chip - Automotive Product Range
logo
List of Unclassifed Man...
ES6230 ETC1-ES6230 Datasheet
60Kb / 4P
   Vibratto-II Automotive DVD Processor Product Brief
logo
ESS Technology,Inc
ES6218A ESS-ES6218A Datasheet
157Kb / 10P
   Vibratto-S Automotive DVD Processor Product Brief
logo
Nexperia B.V. All right...
74AHC2G32-Q100 NEXPERIA-74AHC2G32-Q100 Datasheet
212Kb / 11P
   Automotive product qualification in accordance with AEC-Q100
74AHC86-Q100 NEXPERIA-74AHC86-Q100 Datasheet
705Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
74AHC08-Q100 NEXPERIA-74AHC08-Q100 Datasheet
716Kb / 14P
   Automotive product qualification in accordance with AEC-Q100
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com