Electronic Components Datasheet Search
Selected language     English  ▼


S Datasheet(PDF) 2 Page - Panasonic Battery Group

Part No. S
Description  2a2b/3a1b/4a 4A polarized power relays
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONICBATTERY [Panasonic Battery Group]
Homepage  http://www.panasonic.com/industrial/batteries-oem/
Logo 

   
 2 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
S
ASCTB207E 201202-T
ORDERING INFORMATION
TYPES
Standard packing: Carton: 50 pcs.; Case: 500 pcs.
* For sockets, see page 55.
RATING
1. Coil data
1) Single side stable
Contact arrangement
Nominal coil voltage
Single side stable
2 coil latching
Part No.
Part No.
2 Form A 2 Form B
3V DC
S2EB-3V
S2EB-L2-3V
5V DC
S2EB-5V
S2EB-L2-5V
6V DC
S2EB-6V
S2EB-L2-6V
12V DC
S2EB-12V
S2EB-L2-12V
24V DC
S2EB-24V
S2EB-L2-24V
48V DC
S2EB-48V
S2EB-L2-48V
3 Form A 1 Form B
3V DC
S3EB-3V
S3EB-L2-3V
5V DC
S3EB-5V
S3EB-L2-5V
6V DC
S3EB-6V
S3EB-L2-6V
12V DC
S3EB-12V
S3EB-L2-12V
24V DC
S3EB-24V
S3EB-L2-24V
48V DC
S3EB-48V
S3EB-L2-48V
4 Form A
3V DC
S4EB-3V
S4EB-L2-3V
5V DC
S4EB-5V
S4EB-L2-5V
6V DC
S4EB-6V
S4EB-L2-6V
12V DC
S4EB-12V
S4EB-L2-12V
24V DC
S4EB-24V
S4EB-L2-24V
48V DC
S4EB-48V
S4EB-L2-48V
Type
Nominal coil
voltage
Pick-up
voltage
(at 20
°C 68°F)
Drop-out
voltage
(at 20
°C 68°F)
Nominal operating
current [
±10%]
(at 20
°C 68°F)
Coil resistance
[
±10%]
(at 20
°C 68°F)
Nominal operating
power
Coil inductance
Max. applied
voltage
(at 40
°C 104°F)
Standard
3V DC
70%V or less
of nominal
voltage
(Initial)
10%V or more
of nominal
voltage
(Initial)
66.7mA
45
200mW
Approx. 23mH
5.5V DC
5V DC
38.5mA
130
192mW
Approx. 65mH
9.0V DC
6V DC
33.3mA
180
200mW
Approx. 93mH
11.0V DC
12V DC
16.7mA
720
200mW
Approx. 370mH
22.0V DC
24V DC
8.4mA
2,850
202mW
Approx. 1,427mH
44.0V DC
48V DC
5.6mA
8,500
271mW
Approx. 3,410mH
75.0V DC
Nominal coil voltage (DC)
3, 5, 6, 12, 24, 48 V
Contact arrangement
2: 2 Form A 2 Form B
3: 3 Form A 1 Form B
4: 4 Form A
SEB
Operating function
Nil:
L:
L2:
Single side stable
1 coil latching*
2 coil latching
Notes: 1. *1 coil latching type are manufactured by lot upon receipt of order.
2. Certified by UL and CSA




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl