Selected language     English  ▼


S Datasheet(PDF) 4 Page - Panasonic Battery Group

Part No. S
Description  2a2b/3a1b/4a 4A polarized power relays
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONICBATTERY [Panasonic Battery Group]
Homepage  http://www.panasonic.com/industrial/batteries-oem/
Logo 

   
 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
S
ASCTB207E 201202-T
REFERENCE DATA
1. Maximum switching power
2. Life curve
3. Contact reliability
Condition: 1V DC, 1mA
Detection level 10
Tasted Sample: S4EB-24V, 10pcs
100
1,000
10
0.1
1
10
Contact current, A
DC resistive load
AC resistive load
1,000
500
100
50
30
10
01
2
3
45
Contact current, A
125 V AC
(cos
ϕ = 1.0)
250 V AC
(cos
ϕ = 1.0)
99.9
99.0
95.0
0.1
1.0
10.0
0.2
0.5
1.0
2.0
5.0
10.0
30.0
50.0
70.0
No. of operations,
×10
7
m = 1.6
µ: 79 million time
σ: 51 million time
95% reliability limit:
14.6 million times
(weibul probability paper)
4.-(1) Coil temperature rise
Tested Sample: S4EB-24V, 4 Form A
4.-(2) Coil temperature rise
Tested Sample: S4EB-24V, 4 Form A
5. Operate and release time
(Single side stable type)
Tested Sample: S4EB-24V, 10pcs
4A
0A
100
0.2
0.4
0.6
0.8
1.0
1.2
90
80
70
60
50
40
30
20
10
0
Coil operating power, W
100
12
3456
90
80
70
60
50
40
30
20
10
0
Coil operating
power, 0.2 W
Contact current, A
Min.
Max.
Min.
Max.
Min.
Max.
80
100
120
140
20
18
16
14
12
10
8
6
4
2
0
Coil applied voltage, %V
Release time (with diode)
Operate time
Release time
6. Influence of adjacent mounting
510
–30
0
+30
510
–30
0
+30
(1)
(2)
(3)
(1) & (3) relays
are energized
Single side stable
2 coil latching
Drop-out voltage
Pick-up voltage
Pick-up voltage
Inter-relay distance, mm
Inter-relay distance, mm
Note: When installing an S-relay near another, and there is no effect
from an external magnetic field, be sure to leave at least 10 mm
.394 inch between relays in order to achieve the performance
listed in the catalog.
7. Thermal electromotive force
200
24
6
8
10
12
100
Minute
NR-H
NF relay S relay
8. Effect from an external magnetic field
0
0
50
100
–30
+30
50
100
–30
+30
G
G
Pick-up voltage
Pick-up voltage
Drop-out voltage
Single side stable
2 coil latching
φ
50
100
–30
–30
0
+30
50
100
0
+30
G
G
Pick-up voltage
Pick-up voltage
Drop-out voltage
Single side stable
2 coil latching
φ




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl