Electronic Components Datasheet Search
Selected language     English  ▼


S Datasheet(PDF) 5 Page - Panasonic Battery Group

Part No. S
Description  2a2b/3a1b/4a 4A polarized power relays
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONICBATTERY [Panasonic Battery Group]
Homepage  http://www.panasonic.com/industrial/batteries-oem/
Logo 

   
 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
S
ASCTB207E 201202-T
DIMENSIONS (mm inch)
SAFETY STANDARDS
NOTES
For Cautions for Use.
UL/C-UL (Recognized)
CSA (Certified)
File No.
Contact rating
File No.
Contact rating
E43028
4A 250V AC, 1/20HP 125V AC (FLA1.5A)
1
/20HP 250V AC (FLA0.75A), 3A 30V DC
LR26550
etc.
4A 250V AC, 1/20HP 125V AC, 1/20HP 250V AC
3A 30V DC
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
External dimensions
General tolerance:
±0.3 ±.012
PC board pattern (Copper-side view)
Tolerance:
±0.1 ±.004
10
±0.5
12
7.62
123456
12
11
10
9
8
7
3
1
4
0.4
1.4
1.0
5.08
0.5
0.5
7.62
28
±0.5
12
.118
.394
±0.02
.472
.300
.039
.157
.016
.055
.039
.200
.020
.020
.300
1.102
±0.02
.472
2.54
2.54
12-1.3 dia.
.100
.100
.047-.051 dia.
Schematic (Bottom view)
Single side stable
(Deenergized position)
2 coil latching
(Reset condition)
2a2b
3a1b
4a
123456
12
11
10
9
8
7
-
+
123456
12
11
10
9
8
7
-
+
-
+
123456
12
11
10
9
8
7
-
+
-
+
123456
12
11
10
9
8
7
-
+
123456
12
11
10
9
8
7
-
+
-
+
123456
12
11
10
9
8
7
-
+
CAD Data
1. Based on regulations regarding
insulation distance, there is a restriction
on same-channel load connections
between terminals No. 2, 3 and 4, 5, as
well as between No. 8, 9 and 10, 11. See
the figure below for an example.
2. Please note that when this relay
(1 Form A 1 Form B types) operates and
releases, contacts a and b may go ON at
the same time.
4
2
5
3
10
9
4
8
11
5
23
9
8
11
10
Between 2, 3 and 4, 5:
different channels, therefore not possible
Between 10, 11 and 8, 9:
different channels, therefore not possible
Between 2, 3 and 4, 5:
same channels, therefore possible
Between 10, 11 and 8, 9:
same channels, therefore possible
No good
Good




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl