Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC69151-1.8YML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC69151-1.8YML
Description  Single Supply
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC69151-1.8YML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC69151-1.8YML Datasheet HTML 1Page - Micrel Semiconductor MIC69151-1.8YML Datasheet HTML 2Page - Micrel Semiconductor MIC69151-1.8YML Datasheet HTML 3Page - Micrel Semiconductor MIC69151-1.8YML Datasheet HTML 4Page - Micrel Semiconductor MIC69151-1.8YML Datasheet HTML 5Page - Micrel Semiconductor MIC69151-1.8YML Datasheet HTML 6Page - Micrel Semiconductor MIC69151-1.8YML Datasheet HTML 7Page - Micrel Semiconductor MIC69151-1.8YML Datasheet HTML 8Page - Micrel Semiconductor MIC69151-1.8YML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MIC69151/153
Single Supply VIN, Low VIN, Low VOUT,
1.5A LDO
Super ßeta PNP is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2010
M9999-071210-D
General Description
The MIC69151/153 is the 1.5A output current member of
the MIC69xxx family of high current, low voltage
regulators, which support currents of 1A, 1.5A, 3A, and 5A.
The MIC69151/153 operates from a single low voltage
supply, yet offers high precision and ultra-low dropout of
500mV under worst case conditions.
The MIC69151/153 operates from an input voltage of
1.65V to 5.5V. It is designed to drive digital circuits
requiring low voltage at high currents (i.e. PLDs, DSP,
microcontroller, etc.). These regulators are available in
adjustable and fixed output voltages including 1.8V. The
adjustable version can support output voltages down to
0.5V.
The µCap design of the MIC69151/153 is optimized for
stability with low value low-ESR ceramic output capacitors.
Features of the MIC69151/153 include thermal shutdown
and current limit protection. Logic enable and error flag
pins are also available.
The MIC69151/153 is offered in a tiny 10-pin 3mm x 3mm
MLF
® package and an EPAD SOIC-8 package. Both
packages have an operating temperature range of
–40°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Single input voltage range: VIN: 1.65V to 5.5V
• Maximum dropout (VIN – VOUT) of 500mV
over temperature
• Adjustable output voltage down to 0.5V
• Stable with 10µF ceramic output capacitor
• Excellent line and load regulation specifications
• Logic controlled shutdown
• Thermal shutdown and current limit protection
• 10-Pin 3mm x 3mm MLF® package
• EPAD SOIC-8 package
• Available –40°C to +125°C junction temperature
Applications
• Point-of-load applications
• Industrial power
• Sensitive RF applications
___________________________________________________________________________________________________________
Typical Application
Fixed 1.8V Regulator w/Flag Error
Adjustable Regulator


Similar Part No. - MIC69151-1.8YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC69151-1.8YML MICREL-MIC69151-1.8YML Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
More results

Similar Description - MIC69151-1.8YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC69103 MICREL-MIC69103 Datasheet
261Kb / 8P
   Single Supply
logo
National Semiconductor ...
OPA244 NSC-OPA244 Datasheet
1Mb / 26P
   MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
logo
RF Micro Devices
RFCA1008 RFMD-RFCA1008 Datasheet
935Kb / 23P
   5V Single Supply
logo
M/A-COM Technology Solu...
MAAM-007724 MA-COM-MAAM-007724_15 Datasheet
662Kb / 5P
   Single Positive Supply
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
AD8532 AD-AD8532_15 Datasheet
508Kb / 20P
   Single-Supply Amplifiers
Rev. F
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
AD8531 AD-AD8531_15 Datasheet
508Kb / 20P
   Single-Supply Amplifiers
Rev. F
logo
Unisonic Technologies
UM21125 UTC-UM21125 Datasheet
150Kb / 4P
   SINGLE-SUPPLY COMPARATOR
logo
Analog Devices
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com