Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8XC-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # S8XC-13
Description  8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S8XC-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  S8XC-13 Datasheet HTML 1Page - Diodes Incorporated S8XC-13 Datasheet HTML 2Page - Diodes Incorporated S8XC-13 Datasheet HTML 3Page - Diodes Incorporated S8XC-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S8KC - S8MC
Document number: DS31117 Rev. 9 - 2
1 of 4
www.diodes.com
November 2013
© Diodes Incorporated
S8KC - S8MC
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Product Summary @TA = +25°C
VRRM (V)
IO (A)
VF (V)
IR (μA)
800, 1000
8
0.985
10
Description and Applications
8.0 A Surface Mount Glass Passivated Rectifier in SMC package,
offers high current capability and low forward voltage drop, designed
with Guard Ring for Transient Protection and high surge capacity.
Features and Benefits
Glass Passivated Die Construction
Low Forward Voltage Drop and High Current Capability
Surge Overload Rating to 200A Peak
Ideally Suited for Automated Assembly
Lead Free Finish/RoHS Compliant (Note 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SMC
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band or Cathode Notch
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.21 grams (approximate)
Ordering Information (Note 5)
Part Number
Case
Packaging
S8xC-13
SMC
3000/Tape & Reel
*x = Device type, e.g. S8MC-13.
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definations of Halogen- and Antimony-free, “Green”
and Lead-free.
3.Halogen- and Antimony-free “Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information
 
Green
Top View
Bottom View
xxxx = Product type marking code, ex: S8KC
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year (ex: 7 for 2007)
WW = Week code 01 to 52
YWW
xxxx


Similar Part No. - S8XC-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S8xC-13 DIODES-S8xC-13 Datasheet
119Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S8XC-13 DIODES-S8XC-13 Datasheet
280Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - S8XC-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S8NC DIODES-S8NC Datasheet
421Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
December 2014
S8KC DIODES-S8KC_15 Datasheet
280Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S8NC DIODES-S8NC_15 Datasheet
421Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S8KC DIODES-S8KC Datasheet
119Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S8MC-13 DIODES-S8MC-13 Datasheet
280Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
GBU8A ZSELEC-GBU8A Datasheet
122Kb / 2P
   4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU8005 ZSELEC-GBU8005 Datasheet
123Kb / 2P
   4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU6A ZSELEC-GBU6A Datasheet
122Kb / 2P
   4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU6005 ZSELEC-GBU6005 Datasheet
123Kb / 2P
   4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU4A ZSELEC-GBU4A Datasheet
122Kb / 2P
   4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com