Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8012DRP Datasheet(PDF) 8 Page - Littelfuse

Part # S8012DRP
Description  Teccor짰 brand Thyristors 12 Amp Standard SCRs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S8012DRP Datasheet(HTML) 8 Page - Littelfuse

  S8012DRP Datasheet HTML 1Page - Littelfuse S8012DRP Datasheet HTML 2Page - Littelfuse S8012DRP Datasheet HTML 3Page - Littelfuse S8012DRP Datasheet HTML 4Page - Littelfuse S8012DRP Datasheet HTML 5Page - Littelfuse S8012DRP Datasheet HTML 6Page - Littelfuse S8012DRP Datasheet HTML 7Page - Littelfuse S8012DRP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
260
Revised: July 29, 2010 09:54 AM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
12 Amp Standard SCRs
Sxx12x Series
Product Selector
Packing Options
Part Number
Voltage
Gate Sensitivity
Type
Package
400V
600V
800V
1000V
Sxx12R
XXXX
20mA
TO-220R
Sxx12V
XXXX
20mA
Standard SCR
TO-251
Sxx12D
XXXX
20mA
Standard SCR
TO-252
Part Number
Marking
Weight
Packing Mode
Base Quantity
Sxx12R
Sxx12R
2.2 g
Bulk
500
Sxx12RTP
Sxx12R
2.2 g
Tube
500 (50 per tube)
Sxx12DTP
Sxx12D
0.3 g
Tube
750 (75 per tube)
Sxx12DRP
Sxx12D
0.3 g
Embossed Carrier
2500
Sxx12VTP
Sxx12V
0.4 g
Tube
750 (75 per tube)
Note: xx = Voltage
0.512 (13.0)
Arbor Hole
Diameter
Gate
Cathode
Anode
0.63
(16.0)
0.157
(4.0)
0.64
(16.3)
12.99
(330.0)
0.524
(13.3)
0.315
(8.0)
0.059
DIA
(1.5)
*
* Cover tape
Direction of Feed
Dimensions
are in inches
(and millimeters).
TO-252 Embossed Carrier Reel Pack (RP) Specifications
Meets all EIA-481-2 Standards
Part Numbering System
Part Marking System
S 60 12 R
56
DEVICE TYPE
S: SCR
VOLTAGE RATING
40: 400V
60: 600V
80: 800V
K0: 1000V
CURRENT RATING
12: 12A
SENSITIVITY & TYPE
(blank): 20mA
PACKAGE TYPE
R: TO-220 Non-Isolated
V: TO-251 (V/I-Pak)
D: TO-252 (D-Pak)
LEAD FORM DIMENSIONS
xx: Lead Form Option
TO-252AA – (D Package)
TO-251AA – (V Package)
yxxxx
S6012RTP
TO-220AB (R Package)
®


Similar Part No. - S8012DRP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S8012D TECCOR-S8012D Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S8012D LITTELFUSE-S8012D Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S8012D LITTELFUSE-S8012D Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
S8012D LITTELFUSE-S8012D Datasheet
218Kb / 12P
   RoHS Compliant
logo
List of Unclassifed Man...
S8012D ETC2-S8012D Datasheet
218Kb / 12P
   RoHS Compliant
More results

Similar Description - S8012DRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
S4012DRP LITTELFUSE-S4012DRP Datasheet
854Kb / 8P
   Teccor brand Thyristors 12 Amp Standard SCRs
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
   Teccor짰 brand Thyristors
L4004L3TP LITTELFUSE-L4004L3TP Datasheet
905Kb / 10P
   Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com