Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD2943W Datasheet(PDF) 9 Page - STMicroelectronics

Part # SD2943W
Description  HF/VHF/UHF RF power N-channel MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2943W Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SD2943W Datasheet HTML 5Page - STMicroelectronics SD2943W Datasheet HTML 6Page - STMicroelectronics SD2943W Datasheet HTML 7Page - STMicroelectronics SD2943W Datasheet HTML 8Page - STMicroelectronics SD2943W Datasheet HTML 9Page - STMicroelectronics SD2943W Datasheet HTML 10Page - STMicroelectronics SD2943W Datasheet HTML 11Page - STMicroelectronics SD2943W Datasheet HTML 12Page - STMicroelectronics SD2943W Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SD2943
Test Circuit
Doc ID 11584 Rev 3
9/15
Figure 14.
30 MHz test circuit photomaster
C13
1200 pF ATC 700B surface mount ceramic chip capacitor
C15
100
µF / 63 V aluminum electrolytic radial lead capacitor
R1,R3
1 K
Ω 1 W surface mount chip resistor
R2
560
Ω 2 W wire-wound axils lead resistor
T1
HF 2-30 MHz surface mount 9:1 transformer
T2
RG - 142B/U 50
Ω coaxial cable OD = 0.165[4.18] L 15”[381.00] covered with 15”[381.00]
tinned copper tubular brand 13/65” [5.1] width
L1
1 3/4 turn air-wound 16 AWG ID = 0.219 [5.56] poly-coated magnet wire
L2
1 3/4 turn air-wound 12 AWG ID = 0.250 [6.34] bus bar wire
RFC1,RFC2
3 turns 14 AWG wire through fair rite toroid
FB1
surface mount emi shield bead
FB2
toroid
PCB
ULTRALAM 2000. 0.030” THK,
εr = 2.55, 2 Oz ED CU both sides
Table 8.
30 MHz test circuit component part list (continued)
Symbol
Description
6.4 inches


Similar Part No. - SD2943W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD2943 STMICROELECTRONICS-SD2943 Datasheet
184Kb / 14P
   RF Power Transistor HF/VHF/UHF N - Channel MOSFETs
logo
List of Unclassifed Man...
SD2943 ETC1-SD2943 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - SD2943W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
   HF/VHF/UHF RF power N-channel MOSFETs
January 2014 Rev 7
logo
New Jersey Semi-Conduct...
SD2933 NJSEMI-SD2933 Datasheet
90Kb / 3P
   HF/VHF/UHF RF power N-channel MOSFETs
logo
STMicroelectronics
STAC2932BW STMICROELECTRONICS-STAC2932BW Datasheet
406Kb / 14P
   HF/VHF/UHF RF power N-channel MOSFETs
SD2941-10W STMICROELECTRONICS-SD2941-10W Datasheet
450Kb / 17P
   HF/VHF/UHF RF power N-channel MOSFETs
August 2014 Rev 5
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com