Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S470J25SL0N6.J5 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # S470J25SL0N6.J5
Description  Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S470J25SL0N6.J5 Datasheet(HTML) 3 Page - Vishay Siliconix

  S470J25SL0N6.J5 Datasheet HTML 1Page - Vishay Siliconix S470J25SL0N6.J5 Datasheet HTML 2Page - Vishay Siliconix S470J25SL0N6.J5 Datasheet HTML 3Page - Vishay Siliconix S470J25SL0N6.J5 Datasheet HTML 4Page - Vishay Siliconix S470J25SL0N6.J5 Datasheet HTML 5Page - Vishay Siliconix S470J25SL0N6.J5 Datasheet HTML 6Page - Vishay Siliconix S470J25SL0N6.J5 Datasheet HTML 7Page - Vishay Siliconix S470J25SL0N6.J5 Datasheet HTML 8Page - Vishay Siliconix S470J25SL0N6.J5 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 28515
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
55
S Series
Ceramic Disc Capacitors Class 1 and 2,
1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Vishay BCcomponents
Notes
(1)
SH = seated height
• Maximum thickness 4.0 mm
• Lead style codes refer to inward kinked leads. Other styles available on request
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
CLASS 2 Y5P
2200
± 10
10
5.0
4.0
S222K39Y5PN6.J5.
3300
11
S332K43Y5PN6.J5.
4700
13.5
7.5
4.8
S472K53Y5PN63J7.
6800
15
S682K59Y5PN63J7.
10 000
19
10
S103K75Y5PN83J0.
CLASS 2 Z5U
1000
± 20
6.5
5.0
4.0
S102M25Z5UN6.J5.
1500
S152M29Z5UN6.J5.
2200
S222M29Z5UN6.J5.
3300
8.5
S332M33Z5UN6.J5.
4700
10
S472M39Z5UN6.J5.
6800
11
S682M43Z5UN6.J5.
10 000
12
7.5
4.8
S103M47Z5UN63J7.
15 000
15
S153M59Z5UN63J7.
22 000
19
10
S223M75Z5UN83J0.
CLASS 2 Y5V
1000
+ 80/- 20
6.5
5.0
4.0
S102Z25Y5VN6.J5.
1500
S152Z25Y5VN6.J5.
2200
7.5
S222Z29Y5VN6.J5.
3300
S332Z29Y5VN6.J5.
4700
8.5
S472Z33Y5VN6.J5.
6800
10
S682Z39Y5VN6.J5.
10 000
11
S103Z43Y5VN6.J5.
15 000
13.5
7.5
4.8
S153Z53Y5VN6.J7.
22 000
15
S223Z59Y5VN6.J7.
33 000
19
10
S333Z75Y5VN8.J0.
ORDERING INFORMATION 1 kVDC, KINKED
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (2)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
CLASS 2 X5F
100
± 10
6.5
5.0
4.0
S101K25X5FN6.J5R
220
S221K25X5FN6.J5R
270
S271K25X5FN6.J5R
330
S331K25X5FN6.J5R
390
S391K25X5FN6.J5R
470
S471K25X5FN6.J5R
680
7.5
S681K29X5FN6.J5R
820
S821K29X5FN6.J5R
1000
S102K29X5FN6.J5R
2200
11
S222K43X5FN6.J5R
3300
13.5
7.5
4.8
S332K53X5FN6.J7R
4700
16
S472K63X5FN63J7R
ORDERING INFORMATION 1 kVDC, STRAIGHT


Similar Part No. - S470J25SL0N6.J5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S470J25SL0N6.J5. VISHAY-S470J25SL0N6.J5. Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
More results

Similar Description - S470J25SL0N6.J5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
F102K39Y5RN6UK5R VISHAY-F102K39Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F102K33S3NN63J5R VISHAY-F102K33S3NN63J5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F101K25Y5RN6TJ5R VISHAY-F101K25Y5RN6TJ5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
HVLDF02 VISHAY-HVLDF02 Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F471K29Y5RN6UK5R VISHAY-F471K29Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com