Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2072C Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL2072C
Description  730 MHz Closed Loop Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2072C Datasheet(HTML) 6 Page - Elantec Semiconductor

  EL2072C Datasheet HTML 1Page - Elantec Semiconductor EL2072C Datasheet HTML 2Page - Elantec Semiconductor EL2072C Datasheet HTML 3Page - Elantec Semiconductor EL2072C Datasheet HTML 4Page - Elantec Semiconductor EL2072C Datasheet HTML 5Page - Elantec Semiconductor EL2072C Datasheet HTML 6Page - Elantec Semiconductor EL2072C Datasheet HTML 7Page - Elantec Semiconductor EL2072C Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EL2072C
730 MHz Closed Loop Buffer
Typical Performance Curves (V
S
e g
5V RL e 100X RS e 50X)
Contd
Pulse Response
Small Signal
Pulse Response
Large Signal
Settling Time
Long-Term
2nd Harmonic Distortion
3rd Harmonic Distortion
Intermodulation Intercept
2-Tone 3rd Order
2072 – 3
6


Similar Part No. - EL2072C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2072CN INTERSIL-EL2072CN Datasheet
96Kb / 6P
   730MHz Closed Loop Buffer
EL2072CS INTERSIL-EL2072CS Datasheet
96Kb / 6P
   730MHz Closed Loop Buffer
More results

Similar Description - EL2072C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
   730MHz Closed Loop Buffer
logo
Analog Devices
AD9630 AD-AD9630_15 Datasheet
115Kb / 7P
   Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
AD9630 AD-AD9630 Datasheet
101Kb / 7P
   Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
logo
National Semiconductor ...
LH4006 NSC-LH4006 Datasheet
180Kb / 6P
   Precision RF Closed Loop Buffer
CLC115 NSC-CLC115 Datasheet
350Kb / 6P
   Quad, Closed-Loop Monolithic Buffer
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LH4003 NSC-LH4003 Datasheet
184Kb / 6P
   Precision RF Closed Loop Buffer
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com