Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9711 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS9711
Description  HIGH NOISE REDUCTION/ HIGH SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5 PIN SOP TOM OPTOCOUPLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9711 Datasheet(HTML) 4 Page - California Eastern Labs

  PS9711 Datasheet HTML 1Page - California Eastern Labs PS9711 Datasheet HTML 2Page - California Eastern Labs PS9711 Datasheet HTML 3Page - California Eastern Labs PS9711 Datasheet HTML 4Page - California Eastern Labs PS9711 Datasheet HTML 5Page - California Eastern Labs PS9711 Datasheet HTML 6Page - California Eastern Labs PS9711 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PS9711
TYPICAL PERFORMANCE CURVES (TA = 25°C unless otherwise specified)
VCC = 4.5 V,
IF = 250 µA
5
4
3
2
1
0
0-1
-2
-3
-4
-5
-6
TA = +85°C
+25°C
-40°C
VCC = 4.5 V, IF = 250 µA,
IOH = -2 mA
5
4
3
2
1
0
-50
-25
0
25
50
75
100
TA = +85°C
+25°C
-40°C
VCC = 4.5
IF = 7 mA
3
2
1
05
10
15
VCC = 4.5 V, IF = 7 mA,
IO = 8 mA
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
-50
-25
0
25
50
75
100
VCC = 5 V
70
60
50
40
30
20
10
0
-10
-20
-30
0
5
10
15
20
25
tPHL
tPLH
PWD
tPHL
tPLH
PWD
70
60
50
40
30
20
10
0
-50
-25
0
25
50
75
100
VCC = 5 V,
IF = 7.5 mA
HIGH LEVEL OUTPUT VOLTAGE
vs. HIGH LEVEL OUTPUT CURRENT
High Level Output Current IOH (mA)
HIGH LEVEL OUTPUT VOLTAGE
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)
Forward Current, IF (mA)
LOW LEVEL OUTPUT VOLTAGE
vs. LOW LEVEL OUTPUT CURRENT
Low Level Output Current IOH (mA)
LOW LEVEL OUTPUT VOLTAGE
vs. AMBIENT TEMPERATURE


Similar Part No. - PS9711

ManufacturerPart #DatasheetDescription
logo
NEC
PS9711 NEC-PS9711 Datasheet
93Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
PS9711-E3 NEC-PS9711-E3 Datasheet
93Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
PS9711-E4 NEC-PS9711-E4 Datasheet
93Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
PS9711-F3 NEC-PS9711-F3 Datasheet
93Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
PS9711-F4 NEC-PS9711-F4 Datasheet
93Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
More results

Similar Description - PS9711

ManufacturerPart #DatasheetDescription
logo
NEC
PS9711 NEC-PS9711 Datasheet
93Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
logo
California Eastern Labs
PS9611 CEL-PS9611 Datasheet
414Kb / 12P
   HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9611 NEC-PS9611 Datasheet
82Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
logo
Renesas Technology Corp
PS9115 RENESAS-PS9115 Datasheet
304Kb / 16P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS9115 NEC-PS9115_1 Datasheet
143Kb / 14P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com