Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA3000-E05-1 Datasheet(PDF) 9 Page - VTI technologies

Part # SCA3000-E05-1
Description  Product Family Specification
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-E05-1 Datasheet(HTML) 9 Page - VTI technologies

Back Button SCA3000-E05-1 Datasheet HTML 5Page - VTI technologies SCA3000-E05-1 Datasheet HTML 6Page - VTI technologies SCA3000-E05-1 Datasheet HTML 7Page - VTI technologies SCA3000-E05-1 Datasheet HTML 8Page - VTI technologies SCA3000-E05-1 Datasheet HTML 9Page - VTI technologies SCA3000-E05-1 Datasheet HTML 10Page - VTI technologies SCA3000-E05-1 Datasheet HTML 11Page - VTI technologies SCA3000-E05-1 Datasheet HTML 12Page - VTI technologies SCA3000-E05-1 Datasheet HTML 13Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
9/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
negative accelerations until a valid acceleration value is read. In Table 4 the maximum and
minimum acceleration register values that are in measuring range (for registers X_LSB … Z_MSB)
for SCA3000-D0x and SCA3000-E0x are presented.
Table 4. Maximum and minimum values in the SCA3000 measuring range.
SCA3000-D01
SCA3000-D02
SCA3000-E01
SCA3000-E02
SCA3000-E04
SCA3000-E05
First positive
acceleration value
out of range
[mg]
dec
bin
-
3072
0110 0000 0000 0xxx
-
3072
0110 0000 0000 0xxx
-
3072
0110 0000 0000 0xxx
-
3072
0110 0000 0000 0xxx
Maximum positive
acceleration value
in range
[mg]
dec
bin
2303.25 mg
3071
0101 1111 1111 1xxx
3071 mg
3071
0101 1111 1111 1xxx
6142 mg
3071
0101 1111 1111 1xxx
19193.75 mg
3071
0101 1111 1111 1xxx
Minimum negative
acceleration value
in range
[mg]
dec
bin
-2304 mg
-3072
1010 0000 0000 0xxx
-3072 mg
-3072
1010 0000 0000 0xxx
-6144 mg
-3072
1010 0000 0000 0xxx
-19200 mg
-3072
1010 0000 0000 0xxx
First negative
acceleration value
out of range
[mg]
dec
bin
-
-3073
1001 1111 1111 1xxx
-
-3073
1001 1111 1111 1xxx
-
-3073
1001 1111 1111 1xxx
-
-3073
1001 1111 1111 1xxx
2.3
Motion Detection Mode
2.3.1
Description
In MD mode, the ADC's data is not fed to the signal processing channel shown in Figure 1 but to
the MD block. It consists of a digital band-pass filter (BPF), threshold level programmable digital
comparator and a configurable trigger function.
BPF's
-3 dB
low-pass
frequency
is
25 Hz …60 Hz
and
-3 dB
high-pass
frequency
is
0.05 Hz …1 Hz. See Figure 2 below.
Band Pass Filter's Response
for reference only
-20
-15
-10
-5
0
5
0.01
0.1
1
10
100
1000
Freq [Hz]
Lower limit
Upper limit
Figure 2. The MD band-pass filter's frequency response.


Similar Part No. - SCA3000-E05-1

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3000-E05 VTI-SCA3000-E05 Datasheet
193Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
More results

Similar Description - SCA3000-E05-1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KLM8G1GETF-B041 SAMSUNG-KLM8G1GETF-B041 Datasheet
424Kb / 28P
   Samsung eMMC Product family eMMC 5.1 Specification compatibility
Revision 1.21 Jul. 10, 2017
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com