Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9213_V1 Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS9213_V1
Description  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9213_V1 Datasheet(HTML) 3 Page - California Eastern Labs

  PS9213_V1 Datasheet HTML 1Page - California Eastern Labs PS9213_V1 Datasheet HTML 2Page - California Eastern Labs PS9213_V1 Datasheet HTML 3Page - California Eastern Labs PS9213_V1 Datasheet HTML 4Page - California Eastern Labs PS9213_V1 Datasheet HTML 5Page - California Eastern Labs PS9213_V1 Datasheet HTML 6Page - California Eastern Labs PS9213_V1 Datasheet HTML 7Page - California Eastern Labs PS9213_V1 Datasheet HTML 8Page - California Eastern Labs PS9213_V1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PS9213
ORDERING INFORMATION
<R>
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS9213
PS9213-A
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS9213
PS9213-F3
PS9213-F3-A
(SnBi)
Embossed Tape 2 500 pcs/reel
(UL approved)
PS9213-F4
PS9213-F4-A
PS9213-V
PS9213-V-A
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
PS9213-V-F3
PS9213-V-F3-A
Embossed Tape 2 500 pcs/reel
(VDE0884 Part2)
PS9213-V-F4
PS9213-V-F4-A
approved (Option)
PS9213
PS9213-AX
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS9213-F3
PS9213-F3-AX
(Ni/Pd/Au)
Embossed Tape 2 500 pcs/reel
(UL approved)
PS9213-F4
PS9213-F4-AX
PS9213-V
PS9213-V-AX
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
PS9213-V-F3
PS9213-V-F3-AX
Embossed Tape 2 500 pcs/reel
(VDE0884 Part2)
PS9213-V-F4
PS9213-V-F4-AX
approved (Option)
*1 For the application of the Safety Standard, following part number should be used.
Data Sheet PN10535EJ04V0DS
3


Similar Part No. - PS9213_V1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9213-V CEL-PS9213-V Datasheet
397Kb / 13P
   PHOTOCOUPLER
logo
Renesas Technology Corp
PS9213-V RENESAS-PS9213-V Datasheet
281Kb / 18P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
logo
California Eastern Labs
PS9213-V-A CEL-PS9213-V-A Datasheet
397Kb / 13P
   PHOTOCOUPLER
PS9213-V-F3 CEL-PS9213-V-F3 Datasheet
397Kb / 13P
   PHOTOCOUPLER
logo
Renesas Technology Corp
PS9213-V-F3 RENESAS-PS9213-V-F3 Datasheet
281Kb / 18P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
More results

Similar Description - PS9213_V1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9113 RENESAS-PS9113 Datasheet
276Kb / 18P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
logo
NEC
PS9113 NEC-PS9113 Datasheet
240Kb / 14P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9113 RENESAS-PS9113_15 Datasheet
284Kb / 18P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9113 RENESAS-PS9113_16 Datasheet
373Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9113 CEL-PS9113 Datasheet
254Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
RV1S9213A RENESAS-RV1S9213A Datasheet
6Mb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER,
Nov 11,2019
PS9513 RENESAS-PS9513_15 Datasheet
181Kb / 21P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE
PS9117A RENESAS-PS9117A Datasheet
287Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE
PS9313L RENESAS-PS9313L Datasheet
181Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9313L CEL-PS9313L Datasheet
228Kb / 17P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE, HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com