Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9821-1-V-A Datasheet(PDF) 10 Page - California Eastern Labs

Part # PS9821-1-V-A
Description  HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9821-1-V-A Datasheet(HTML) 10 Page - California Eastern Labs

Back Button PS9821-1-V-A Datasheet HTML 6Page - California Eastern Labs PS9821-1-V-A Datasheet HTML 7Page - California Eastern Labs PS9821-1-V-A Datasheet HTML 8Page - California Eastern Labs PS9821-1-V-A Datasheet HTML 9Page - California Eastern Labs PS9821-1-V-A Datasheet HTML 10Page - California Eastern Labs PS9821-1-V-A Datasheet HTML 11Page - California Eastern Labs PS9821-1-V-A Datasheet HTML 12Page - California Eastern Labs PS9821-1-V-A Datasheet HTML 13Page - California Eastern Labs PS9821-1-V-A Datasheet HTML 14Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PS9821-1,-2
5.0
4.0
3.0
2.0
1.0
0
100
80
60
40
20
0
120
100
80
60
40
20
0
–50
–25
0
25
50
75
100
–50
–25
0
25
50
75
100
–50
–25
0
25
50
75
100
15
13
11
9
7
5
–50
–25
0
25
50
75
100
300
250
200
150
100
50
0
120
100
80
60
40
20
0
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
Ambient Temperature TA (˚C)
PROPAGATION DELAY TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
PULSE WIDTH DISTORTION vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
SWITCHING TIME vs.
AMBIENT TEMPERATURE
Input Current IF (mA)
PROPAGATION DELAY TIME vs.
INPUT CURRENT
1.0 k
Ω
RL = 350
Ω
4.0 k
Ω
VCC = 3.3 V,
VO = 0.6 V
RL = 4.7 k
Ω
RL = 4.0 k
Ω
RL = 350
Ω
RL = 1.0 k
Ω
IF = 7.5 mA,
VCC = 3.3 V
tPLH: RL = 4.0 k
Ω
tPLH: RL = 4.7 k
Ω
tPLH: RL = 1.0 k
Ω
tPLH: RL = 350
Ω
VCC = 3.3 V
tPHL: RL = 350
Ω, 1.0 kΩ, 4.0 kΩ, 4.7 kΩ
tPHL: RL = 350
Ω, 1.0 kΩ, 4.0 kΩ, 4.7 kΩ
tPLH: RL = 1.0 k
Ω
tPLH: RL = 350
Ω
tPLH: RL = 4.7 k
Ω
tPLH: RL = 4.0 k
Ω
IF = 7.5 mA,
VCC = 3.3 V
tf: RL = 350
Ω, 1.0 kΩ, 4.0 kΩ, 4.7 kΩ
tr: RL = 350
Ω
tr: RL = 1.0 k
Ω
tr: RL = 4.7 k
Ω
tr: RL = 4.0 k
Ω
IF = 7.5 mA,
VCC = 3.3 V
Remark The graphs indicate nominal characteristics.
Data Sheet PN10471EJ04V0DS
10


Similar Part No. - PS9821-1-V-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9821-1-V-AX RENESAS-PS9821-1-V-AX Datasheet
275Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Dec 17, 2021
More results

Similar Description - PS9821-1-V-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9821-1 RENESAS-PS9821-1_V01 Datasheet
275Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Dec 17, 2021
PS9821-1 RENESAS-PS9821-1_15 Datasheet
297Kb / 19P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS9817A-1 CEL-PS9817A-1 Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9814-1 CEL-PS9814-1 Datasheet
599Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1_15 Datasheet
297Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1_04 Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1_07 Datasheet
415Kb / 15P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com