Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9351L2 Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS9351L2
Description  HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9351L2 Datasheet(HTML) 3 Page - California Eastern Labs

  PS9351L2 Datasheet HTML 1Page - California Eastern Labs PS9351L2 Datasheet HTML 2Page - California Eastern Labs PS9351L2 Datasheet HTML 3Page - California Eastern Labs PS9351L2 Datasheet HTML 4Page - California Eastern Labs PS9351L2 Datasheet HTML 5Page - California Eastern Labs PS9351L2 Datasheet HTML 6Page - California Eastern Labs PS9351L2 Datasheet HTML 7Page - California Eastern Labs PS9351L2 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS9351L,PS9351L2
MARKING EXAMPLE
Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
N 0 31
9351
N031
No. 1 pin Mark
Assembly Lot
Type Number
R
PHOTOCOUPLER CONSTRUCTION
Parameter
PS9351L
PS9351L2
m
m
8
m
m
7
).
N
I
M
(
e
c
n
a
ts
i
D
ri
A
m
m
8
m
m
7
).
N
I
M
(
e
c
n
a
ts
i
D
e
g
a
p
e
e
r
C
r
e
t
u
O
Isolation Distance (MIN.)
0.4 mm
0.4 mm
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
PS9351L
PS9351L-AX
Pb-Free
20 pcs (Tape 20 pcs cut)
PS9351L-E3
PS9351L-E3-AX
(Ni/Pd/Au)
Embossed Tape 2 000 pcs/reel
PS9351L2
PS9351L2-AX
20 pcs (Tape 20 pcs cut)
PS9351L2-E3
PS9351L2-E3-AX
Embossed Tape 2 000 pcs/reel
PS9351L-V
PS9351L-V-AX
20 pcs (Tape 20 pcs cut)
PS9351L-V-E3
PS9351L-V-E3-AX
Embossed Tape 2 000 pcs/reel
PS9351L2-V
PS9351L2-V-AX
20 pcs (Tape 20 pcs cut)
PS9351L2-V-E3 PS9351L2-V-E3-AX
Embossed Tape 2 000 pcs/reel
*1 For the application of the Safety Standard, following part number should be used.
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9351L2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9351L2 RENESAS-PS9351L2 Datasheet
165Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Apr 24, 2015
More results

Similar Description - PS9351L2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9851-1 RENESAS-PS9851-1_15 Datasheet
278Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9851-1_V1 CEL-PS9851-1_V1 Datasheet
259Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9851-1 CEL-PS9851-1 Datasheet
394Kb / 13P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
logo
NEC
PS9851-1 NEC-PS9851-1 Datasheet
91Kb / 10P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
1Mb / 6P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
277Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com