Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9123 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS9123
Description  HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9123 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS9123 Datasheet HTML 2Page - California Eastern Labs PS9123 Datasheet HTML 3Page - California Eastern Labs PS9123 Datasheet HTML 4Page - California Eastern Labs PS9123 Datasheet HTML 5Page - California Eastern Labs PS9123 Datasheet HTML 6Page - California Eastern Labs PS9123 Datasheet HTML 7Page - California Eastern Labs PS9123 Datasheet HTML 8Page - California Eastern Labs PS9123 Datasheet HTML 9Page - California Eastern Labs PS9123 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PS9123 e
R08DS0030EJ0100 Rev.1.00
Page 6 of 13
Aug 14, 2012
TYPICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
20
40
60
80
120
0
10
20
30
40
20
40
60
80
100
120
0
50
100
150
1.0
0.01
0.1
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TA = +100˚C
+85˚C
+50˚C
+25˚C
0˚C
–40˚C
–50
–25
0
25
50
75
100
0
8
4
12
16
20
ICCL (IF = 10 mA)
VCC = 5.5 V
ICCH (IF = 0 mA)
–50
–25
0
25
50
75
100
0
2.0
1.0
3.0
4.0
5.0
VCC = 4.5 V,
VF = 0.8 V,
IOH = 2.0 mA
0
20
10
30
40
50
–50
–25
0
25
50
75
100
tPLH
tPHL
PWD
IF = 7.5 mA
VCC = 5.0 V
100
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage VF (V)
HIGH LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
Remark The graphs indicate nominal characteristics.
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9123

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9123 RENESAS-PS9123 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9123-F3 RENESAS-PS9123-F3 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9123-V RENESAS-PS9123-V Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9123-V-F3 RENESAS-PS9123-V-F3 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS9123

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9123_15 RENESAS-PS9123_15_15 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9115 RENESAS-PS9115 Datasheet
304Kb / 16P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS9115 NEC-PS9115_1 Datasheet
143Kb / 14P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9115 CEL-PS9115 Datasheet
266Kb / 14P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8101 RENESAS-PS8101_15 Datasheet
258Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS8101 NEC-PS8101_1 Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com