Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9123 Datasheet(PDF) 10 Page - California Eastern Labs

Part # PS9123
Description  HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9123 Datasheet(HTML) 10 Page - California Eastern Labs

Back Button PS9123 Datasheet HTML 6Page - California Eastern Labs PS9123 Datasheet HTML 7Page - California Eastern Labs PS9123 Datasheet HTML 8Page - California Eastern Labs PS9123 Datasheet HTML 9Page - California Eastern Labs PS9123 Datasheet HTML 10Page - California Eastern Labs PS9123 Datasheet HTML 11Page - California Eastern Labs PS9123 Datasheet HTML 12Page - California Eastern Labs PS9123 Datasheet HTML 13Page - California Eastern Labs PS9123 Datasheet HTML 14Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PS9123 e
R08DS0030EJ0100 Rev.1.00
Page 10 of 13
Aug 14, 2012
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
Peak reflow temperature
260
°C or below (package surface temperature)
Time of peak reflow temperature
10 seconds or less
Time of temperature higher than 220
°C
60 seconds or less
Time to preheat temperature from 120 to 180
°C
120
±30 s
Number of reflows
Three or less
Flux
Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt% or less is recommended.)
120±30 s
(preheating)
220˚C
180˚C
Time (s)
Recommended Temperature Profile of Infrared Reflow
(heating)
to 10 s
to 60 s
260˚C MAX.
120˚C
(2) Wave soldering
Temperature
260
°C or below (molten solder temperature)
Time
10 seconds or less
Preheating conditions
120
°C or below (package surface temperature)
Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
Flux
Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt% or less is recommended.)
(3) Soldering by Soldering Iron
Peak Temperature (lead part temperature) 350
°C or below
Time (each pin)
3 seconds or less
Flux
Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt% or less is recommended.)
(a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead
(4) Cautions
Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
2. Cautions Regarding Noise
Be aware that when voltage is applied suddenly between the photocoupler’s input and output at startup, the output
transistor may enter the on state, even if the voltage is within the absolute maximum ratings.
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9123

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9123 RENESAS-PS9123 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9123-F3 RENESAS-PS9123-F3 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9123-V RENESAS-PS9123-V Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9123-V-F3 RENESAS-PS9123-V-F3 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS9123

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9123_15 RENESAS-PS9123_15_15 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9115 RENESAS-PS9115 Datasheet
304Kb / 16P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS9115 NEC-PS9115_1 Datasheet
143Kb / 14P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9115 CEL-PS9115 Datasheet
266Kb / 14P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8101 RENESAS-PS8101_15 Datasheet
258Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS8101 NEC-PS8101_1 Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com